Electronic Components Datasheet Search
  English  ▼

X  

623 Datasheet(PDF) 1 Page - Marl International Limited

Part # 623
Description  Minimum line quantity 20 Panel sealing meets and exceeds IP67 rating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

623 Datasheet(HTML) 1 Page - Marl International Limited

  623 Datasheet HTML 1Page - Marl International Limited 623 Datasheet HTML 2Page - Marl International Limited 623 Datasheet HTML 3Page - Marl International Limited 623 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
623 series
• Minimum line quantity 20
• Panel sealing meets and exceeds IP67 rating
• Excellent wide viewing angle
• Black anodised aluminium housing
• Suitable for high vibration applications
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
623-503-22
Red
24 Vdc
20
80
625
-40 - +85
-40 - +85
B
623-503-23
Red
28 Vdc
20
80
625
-40 - +85
-40 - +85
B
623-509-22
Yellow
24 Vdc
20
45
590
-40 - +85
-40 - +85
B
623-512-22
Green
24 Vdc
20
45
565
-40 - +85
-40 - +85
C
623-512-23
Green
28 Vdc
20
45
565
-40 - +85
-40 - +85
C
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 623 - version 2012-12-06-113930
page 1 of 4


Similar Part No. - 623

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
623 OSCILENT-623 Datasheet
146Kb / 2P
Low Profile
logo
Adafruit Industries
623 ADAFRUIT-623 Datasheet
108Kb / 2P
Electroluminescent (EL) Panel - 10cm x 10cm Aqua
7/27/2015
logo
Wilmar LLC
623 PERFORMANCETOOLS-623 Datasheet
1Mb / 8P
Suggested New Additions
6/13/2019
logo
EDAC, All Rights Reserv...
623-009-261-031 EDAC-623-009-261-031 Datasheet
373Kb / 2P
623 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
623-009-261-031 EDAC-623-009-261-031 Datasheet
86Kb / 1P
623 Series,D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
More results

Similar Description - 623

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
RDTCR10P1T E-SWITCH-RDTCR10P1T Datasheet
123Kb / 1P
REMOVE IP67 RATING
logo
Marl International Limi...
623-503-22_1309 MARL-623-503-22_1309 Datasheet
326Kb / 4P
Minimum line quantity 20
logo
Taiyo Yuden (U.S.A.), I...
FL05R100A TAIYO-YUDEN-FL05R100A Datasheet
139Kb / 1P
Standard packaging quantity (minimum)
EMK316BBJ476ML-T TAIYO-YUDEN-EMK316BBJ476ML-T Datasheet
289Kb / 2P
Standard packaging quantity (minimum)
HMK107BJ222MA-T TAIYO-YUDEN-HMK107BJ222MA-T Datasheet
317Kb / 2P
Standard packaging quantity (minimum)
JMK325ABJ157MM-P TAIYO-YUDEN-JMK325ABJ157MM-P Datasheet
334Kb / 2P
Standard packaging quantity (minimum) Taping Embossed 1000pcs
JMK325B7226KMHPR TAIYO-YUDEN-JMK325B7226KMHPR Datasheet
289Kb / 2P
Standard packaging quantity (minimum) Taping Embossed 1000pcs
QVS107CG1R3BCHT TAIYO-YUDEN-QVS107CG1R3BCHT Datasheet
282Kb / 2P
Standard packaging quantity (minimum)
QVS107CG1R5CCHT TAIYO-YUDEN-QVS107CG1R5CCHT Datasheet
284Kb / 2P
Standard packaging quantity (minimum)
QVS107CG1R6BCHT TAIYO-YUDEN-QVS107CG1R6BCHT Datasheet
284Kb / 2P
Standard packaging quantity (minimum)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com