Electronic Components Datasheet Search
  English  ▼

X  

651 Datasheet(PDF) 1 Page - Marl International Limited

Part # 651
Description  횠12.7mm mounting Black anodised aluminium housing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

651 Datasheet(HTML) 1 Page - Marl International Limited

  651 Datasheet HTML 1Page - Marl International Limited 651 Datasheet HTML 2Page - Marl International Limited 651 Datasheet HTML 3Page - Marl International Limited 651 Datasheet HTML 4Page - Marl International Limited 651 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
651 series
• Ø12.7mm mounting
• Black anodised aluminium housing
• Colour diffused lens with a wide viewing angle
• Sealed to IP67
• Suitable for high vibration applications
• Internal reverse protection diode fitted as standard in all
voltage models
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
651-105-21
Red
12 Vdc
20
95
625
-40 - +85
-40 - +85
B
651-111-21
Yellow
12 Vdc
20
45
590
-40 - +85
-40 - +85
B
651-114-21
Green
12 Vdc
20
45
565
-40 - +85
-40 - +85
C
651-105-23
Red
24-28 Vdc
20
95
625
-40 - +85
-40 - +85
B
651-111-23
Yellow
24-28 Vdc
20
45
590
-40 - +85
-40 - +85
B
651-102-21
Red
12 Vdc
19
500
660
-40 - +85
-40 - +85
B
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 651 - version 2012-12-06-113936
page 1 of 5


Similar Part No. - 651

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
651 INTEL-651 Datasheet
4Mb / 106P
Intel Pentium 4 Processor
logo
Alpha Wire
651 ALPHAWIRE-651 Datasheet
379Kb / 2P
1-800-52 ALPHA
logo
Automatic Timing & Cont...
651 ATC-651 Datasheet
470Kb / 2P
Multi-Function Multi-Range Timer
logo
Abbatron All Rights Res...
651 ABBATRON-651 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Marl International Limi...
651-102-04 MARL-651-102-04 Datasheet
430Kb / 5P
Suitable for high vibration applications
More results

Similar Description - 651

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
610 MARL-610 Datasheet
411Kb / 4P
횠6.35mm mounting Black anodised aluminium housing
643 MARL-643 Datasheet
401Kb / 4P
횠8.1mm mounting Black anodised aluminium housing
671 MARL-671 Datasheet
374Kb / 4P
횠25.4mm mounting Black anodised aluminium housing
672 MARL-672 Datasheet
401Kb / 4P
횠25.4mm mounting Black anodised aluminium housing
676 MARL-676 Datasheet
421Kb / 4P
횠8.1mm mounting Black anodised aluminium housing
678 MARL-678 Datasheet
405Kb / 4P
횠16.0mm mounting Black anodised aluminium housing
684 MARL-684 Datasheet
415Kb / 4P
횠6.35mm mounting Black anodised aluminium housing
692 MARL-692 Datasheet
417Kb / 4P
횠12.7mm mounting Black anodised aluminium housing
695 MARL-695 Datasheet
482Kb / 5P
횠12.7mm mounting Natural anodised aluminium
696 MARL-696 Datasheet
415Kb / 4P
횠6.1mm mounting Black anodised aluminium housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com