Electronic Components Datasheet Search
  English  ▼

X  

652 Datasheet(PDF) 1 Page - Marl International Limited

Part # 652
Description  횠12.7mm mounting Product will operate over a wide voltage range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

652 Datasheet(HTML) 1 Page - Marl International Limited

  652 Datasheet HTML 1Page - Marl International Limited 652 Datasheet HTML 2Page - Marl International Limited 652 Datasheet HTML 3Page - Marl International Limited 652 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
652 series
• Ø12.7mm mounting
• Product will operate over a wide voltage range
• Black anodised aluminium housing
• Colour diffused lens with an 180º viewing angle
• Fully internally potted to resist shock and vibration
• Sealed to IP67
• True bi-polar product; AC and DC operation
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
652-105-75
Red
110 Vac
6
95
625
-40 - +85
-40 - +85
B
652-102-75
Red
110 Vac
6
500
660
-40 - +85
-40 - +85
B
652-111-75
Yellow
110 Vac
6
45
590
-40 - +85
-40 - +85
B
652-114-75
Green
110 Vac
6
45
565
-40 - +85
-40 - +85
C
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 652 - version 2012-12-06-113944
page 1 of 4


Similar Part No. - 652

ManufacturerPart #DatasheetDescription
logo
Littelfuse
652 LITTELFUSE-652 Datasheet
76Kb / 1P
MINIATURE FUSEHOLDERS
logo
Willow Technologies Ltd
652 WILLOW-652 Datasheet
290Kb / 2P
Optical Isolation
logo
Alpha Wire
652 ALPHAWIRE-652 Datasheet
379Kb / 2P
ROHS CERTIFICATE OF COMPLIANCE
logo
Automatic Timing & Cont...
652 ATC-652 Datasheet
470Kb / 2P
Multi-Function Multi-Range Timer
logo
Abbatron All Rights Res...
652 ABBATRON-652 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 652

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
532 MARL-532 Datasheet
256Kb / 4P
횠12.7mm mounting Product will operate over a wide voltage range
537 MARL-537 Datasheet
316Kb / 5P
횠8.1mm mounting Product will operate over a wide input voltage range
538 MARL-538 Datasheet
395Kb / 5P
횠12.7mm mounting Product will operate over a wide input voltage range
698 MARL-698 Datasheet
356Kb / 4P
횠8.1mm mounting Product will operate over a wide input voltage range
699 MARL-699 Datasheet
359Kb / 4P
횠12.7mm mounting Product will operate over a wide input voltage range
532-102-63_1307 MARL-532-102-63_1307 Datasheet
256Kb / 4P
Product will operate over a wide voltage range
533-105-63_1307 MARL-533-105-63_1307 Datasheet
255Kb / 4P
Product will operate over a wide voltage range
534-501-75_1312 MARL-534-501-75_1312 Datasheet
382Kb / 5P
Product will operate over a wide voltage range
537-501-75_1312 MARL-537-501-75_1312 Datasheet
316Kb / 5P
Product will operate over a wide input voltage range
652-105-75_1309 MARL-652-105-75_1309 Datasheet
407Kb / 4P
Product will operate over a wide voltage range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com