Electronic Components Datasheet Search
  English  ▼

X  

669 Datasheet(PDF) 1 Page - Marl International Limited

Part # 669
Description  횠8.1mm mounting Unique hexagonal bezel to aid mounting to panel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

669 Datasheet(HTML) 1 Page - Marl International Limited

  669 Datasheet HTML 1Page - Marl International Limited 669 Datasheet HTML 2Page - Marl International Limited 669 Datasheet HTML 3Page - Marl International Limited 669 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
669 series
• Ø8.1mm mounting
• Unique hexagonal bezel to aid mounting to panel
• Sealed to IP68 (0.34 bar)
• Ideal for marine applications
• Hard, black anodised aluminium housing
• Unique PTFE mounting/ panel seal
• Low current versions available
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
669-503-04
Red
2.1 Vdc
20
80
625
-40 - +85
-40 - +85
B
669-509-04
Yellow
2.2 Vdc
20
45
590
-40 - +85
-40 - +85
B
669-512-04
Green
2.2 Vdc
20
45
565
-40 - +85
-40 - +85
C
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 669 - version 2012-12-06-113956
page 1 of 4


Similar Part No. - 669

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
669 ETC2-669 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
logo
Wiha Tools
669 04 WIHA-669 04 Datasheet
334Kb / 1P
MagicRing Ball End Hex Keys
669 08 WIHA-669 08 Datasheet
334Kb / 1P
MagicRing Ball End Hex Keys
669 12 WIHA-669 12 Datasheet
334Kb / 1P
MagicRing Ball End Hex Keys
669 16 WIHA-669 16 Datasheet
334Kb / 1P
MagicRing Ball End Hex Keys
More results

Similar Description - 669

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
669-503-04_1310 MARL-669-503-04_1310 Datasheet
321Kb / 4P
Unique hexagonal bezel to aid mounting to panel
logo
Pepperl+Fuchs Inc.
CM-12 PF-CM-12 Datasheet
335Kb / 2P
Mounting aid
CM-18 PF-CM-18 Datasheet
336Kb / 2P
Mounting aid
MH01-M18 PF-MH01-M18 Datasheet
249Kb / 2P
Mounting aid
MH02-L PF-MH02-L Datasheet
1Mb / 2P
Mounting aid
MH04-2681F PF-MH04-2681F Datasheet
192Kb / 1P
Mounting aid
MH04-3505 PF-MH04-3505 Datasheet
468Kb / 1P
Mounting aid
MH05-SACB-4 PF-MH05-SACB-4 Datasheet
281Kb / 1P
Mounting aid
MH05-SACB-8 PF-MH05-SACB-8 Datasheet
270Kb / 1P
Mounting aid
MHW11 PF-MHW11 Datasheet
134Kb / 1P
Mounting aid
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com