Electronic Components Datasheet Search
  English  ▼

X  

676 Datasheet(PDF) 1 Page - Marl International Limited

Part # 676
Description  횠8.1mm mounting Black anodised aluminium housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

676 Datasheet(HTML) 1 Page - Marl International Limited

  676 Datasheet HTML 1Page - Marl International Limited 676 Datasheet HTML 2Page - Marl International Limited 676 Datasheet HTML 3Page - Marl International Limited 676 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
676 series
• Ø8.1mm mounting
• Black anodised aluminium housing
• Sealed to IP67
• Smoked lens for high on/ off contrast ratio
• Internally potted for use in high vibration applications
• Internal reverse protection diode fitted as standard
• Wide viewing angle
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
676-501-21
Red
12 Vdc
20
600
630
-40 - +80
-40 - +100
D
676-521-21
Yellow
12 Vdc
20
600
585
-40 - +80
-40 - +100
D
676-532-21
Green
12 Vdc
20
800
515
-40 - +80
-40 - +100
F
676-930-21
Blue
12 Vdc
20
140
465
-30 - +85
-40 - +100
U
676-997-21
White
12 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
676-501-23
Red
28 Vdc
20
600
630
-40 - +80
-40 - +100
D
676-521-23
Yellow
28 Vdc
20
600
585
-40 - +80
-40 - +100
D
676-532-23
Green
28 Vdc
20
800
515
-40 - +80
-40 - +100
F
676-930-23
Blue
28 Vdc
20
140
465
-30 - +85
-40 - +100
U
676-997-23
White
28 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
997F-C
*Typical emission colour White
x
0.31
-
-
-
y
0.32
-
-
-
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 676 - version 2012-12-06-114023
page 1 of 4


Similar Part No. - 676

ManufacturerPart #DatasheetDescription
logo
Littelfuse
676 LITTELFUSE-676 Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
logo
Adafruit Industries
676 ADAFRUIT-676 Datasheet
164Kb / 2P
EL wire welted piping starter pack - Aqua - 5 meters
7/27/2015
logo
Microsemi Corporation
676-1 MICROSEMI-676-1 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES
676-2 MICROSEMI-676-2 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES
676-3 MICROSEMI-676-3 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES
More results

Similar Description - 676

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
610 MARL-610 Datasheet
411Kb / 4P
횠6.35mm mounting Black anodised aluminium housing
643 MARL-643 Datasheet
401Kb / 4P
횠8.1mm mounting Black anodised aluminium housing
651 MARL-651 Datasheet
430Kb / 5P
횠12.7mm mounting Black anodised aluminium housing
671 MARL-671 Datasheet
374Kb / 4P
횠25.4mm mounting Black anodised aluminium housing
672 MARL-672 Datasheet
401Kb / 4P
횠25.4mm mounting Black anodised aluminium housing
678 MARL-678 Datasheet
405Kb / 4P
횠16.0mm mounting Black anodised aluminium housing
684 MARL-684 Datasheet
415Kb / 4P
횠6.35mm mounting Black anodised aluminium housing
692 MARL-692 Datasheet
417Kb / 4P
횠12.7mm mounting Black anodised aluminium housing
696 MARL-696 Datasheet
415Kb / 4P
횠6.1mm mounting Black anodised aluminium housing
672-290-22_1310 MARL-672-290-22_1310 Datasheet
526Kb / 4P
Black anodised aluminium housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com