Electronic Components Datasheet Search
  English  ▼

X  

692 Datasheet(PDF) 3 Page - Marl International Limited

Part # 692
Description  횠12.7mm mounting Black anodised aluminium housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

692 Datasheet(HTML) 3 Page - Marl International Limited

  692 Datasheet HTML 1Page - Marl International Limited 692 Datasheet HTML 2Page - Marl International Limited 692 Datasheet HTML 3Page - Marl International Limited 692 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
de-rating information
to order
BS EN ISO 9001:2008
approved manufacturer
692 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph D
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph F
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph Q
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph U
10
20
30
40
50
8.5
also available
Part numbers also available in the 692 series:
Part
Number
Colour
Voltage
Vopr
692-501-20
Red
5/6 Vdc
692-501-22
Red
24 Vdc
692-501-24
Red
48 Vdc
692-501-24-19
Red
48 Vdc
692-501-25-19
Red
110 Vdc
692-501-75
Red
110 Vac 50 Hz
692-501-75-15
Red
110 Vac 50 Hz
692-501-75-19
Red
110 Vac 50 Hz
692-501-76
Red
230 Vac 50 Hz
692-501-76-15
Red
230 Vac 50 Hz
692-521-22
Yellow
24 Vdc
692-521-25-19
Yellow
110 Vdc
692-521-75-19
Yellow
110 Vac 50 Hz
692-521-76
Yellow
230 Vac 50 Hz
692-532-22
Green
24 Vdc
692-532-24-19
Green
48 Vdc
Part
Number
Colour
Voltage
Vopr
692-532-25-19
Green
110 Vdc
692-532-27
Green
220 Vdc
692-532-46
Green
35 Vdc
692-532-46-50
Green
35 Vdc
692-532-75
Green
110 Vac 50 Hz
692-532-75-19
Green
110 Vac 50 Hz
692-532-76
Green
230 Vac 50 Hz
692-535-20-35
Red/Green
5/6 Vdc
692-540-75-19
Red
110 Vac 50 Hz
692-930-22
Blue
24 Vdc
692-997-24-19
White
48 Vdc
692-997-25
White
110 Vdc
692-997-25-19
White
110 Vdc
692-997-72
White
24 Vac 50 Hz
692-997-75-15
White
110 Vac 50 Hz
692-997-75-19
White
110 Vac 50 Hz
Part
Number
Colour
Voltage
Vopr
692-997-76-15
White
230 Vac 50 Hz
692-997-76-19
White
230 Vac 50 Hz
The products listed here illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
* = These products do not contain
integral resistors
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 692 - version 2012-12-06-114052
page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com