Electronic Components Datasheet Search
  English  ▼

X  

699 Datasheet(PDF) 2 Page - Marl International Limited

Part # 699
Description  횠12.7mm mounting Product will operate over a wide input voltage range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

699 Datasheet(HTML) 2 Page - Marl International Limited

  699 Datasheet HTML 1Page - Marl International Limited 699 Datasheet HTML 2Page - Marl International Limited 699 Datasheet HTML 3Page - Marl International Limited 699 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
technical data
Dimensions in mm (typical)
Not to scale
technical characteristics
Series
Max. Power
Dissipation
Max. Reverse
Voltage
Panel Cutout
Nut Mounting
Torque
Min. Mounting
Centres
Max. Panel
Thickness
units
mW
Vdc
mm
Nm
mm
mm
to order
Mounting hole to be clean and burr free
* = Current Version
^ = Voltage Version
BS EN ISO 9001:2008
approved manufacturer
699 series
29
3
6
29
5
3
11.3
+0.1
0
Mounting Hole
Below 50Vac/dc
Above 50Vac/dc
Mounting Hole
Anode termination denoted by red indicator
housing material
Body
Nut
Panel Seal
Fresnel Lens
Encapsulation
Lock Washer
push on connectors
Header
Header
Header
Termination
925-000-00 is brass tin plated - for use
with 699 series lamps
Dimensions in mm (typical). Not to scale.
Aluminium Grade 6063 black anodised
Stainless Steel Grade 303
Viton
Polycarbonate
PC5430
Zinc Plated Steel
Copper with Silver Flash Finish
Nylon 6 A82
699
825
-
12.7
1.0
26.0
2.0 - 10.0
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 699 - version 2012-12-06-114114
page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com