Electronic Components Datasheet Search
  English  ▼

X  

MINT1045 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MINT1045
Description  45 W Single Output Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1045 Datasheet(HTML) 1 Page - SL Power Electronics

  MINT1045 Datasheet HTML 1Page - SL Power Electronics MINT1045 Datasheet HTML 2Page - SL Power Electronics MINT1045 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
______________________________________________________________________________________________________________________________ 1 of 3
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
AC Input
100-240Vac +/- 10%, 47-63 Hz 1∅ rated
80-270 Vac, 47-440 Hz operational
Turn On Time
500 ms max at 120 Vac
Input Current
0.75A @ 120 Vac, 0.45 A @ 240 Vac
Hold-up Time
25 ms minimum at 45 W, nominal input (120Vac)
Inrush Current
37A max., 264 Vac
Overvoltage Protection
120-150%, auto-reset
Input Fuses
F1, F2: 1.6A, 250Vac fuses provided internally
Overload Protection
Hiccup Mode, 58W typical
Power Factor
Complies with EN61000-3-2, Class A
Short Circuit Protection
Hiccup Mode, 58W typical
Efficiency
88% typical
Overtemperature Protection
Self-Recovering
Output Power
45 W continuous. See chart for operation above 50°C
Medical Safety Standards
CSA/EN/IEC/UL 60601-1, 3
rd Edition
Methods Of Protection: 2 MOPP for Type BF Applications
Peak Output Power
50 W for 1 minute, 10% duty cycle
ITE Safety Standards
CSA/EN/IEC/UL 60950-1, IEC 2
nd Edition
See page 2 for detailed safety agency standards
Ripple and Noise
1% pk-pk max., 20 MHz BW, differential mode
Measured with noise probe directly across output terminals
Isolation
Input-Output: 4500Vac, Input-Ground: 1900Vac
Output-Ground: 1900Vac
Output Voltage
See chart
Leakage Current
12V-28V models: 120Vac: 30µA NC/70µA SFC
264Vac: 75µA NC/130µA SFC
48V model: 120Vac: 90µA NC/120µA SFC
264Vac: 190µA NC/220µA SFC
Voltage Adjustability
Not adjustable
Factory set with fixed resistors for higher reliability
Operating Temperature
-20° to 70°C
See derating chart
Minimum Load
Not required
Output Power Derating
Derate output power by 2.5%
per °C above 50°C, up to 70°C max
Total Regulation
See chart
Storage Temperature
-40 to +85°C
Transient Response
500µs max. to 1%, 50% load step
0.2A/µs, 3.5% deviation. typical
Relative Humidity
5% to 95%, non-condensing
Switching Frequency
Fixed 65 kHz, typical
MTBF
300K hours per Telcordia
MINT1045
45 W Single Output Series
Medical & ITE – Universal Input Power Supply
3 Year Warranty
•
45 W Convection Cooled
•
Universal Input 80--270 Vac
•
Very Small Size: 2” W x 3” L x 1.0” H
•
88% Efficiency Typical
•
Class I or Class II AC Input Applications
•
CSA/EN/IEC/UL60601-1 3
rd Edition for Medical,
Type BF Capable, Ultra-low Leakage Current
•
CSA/EN/IEC/UL60950-1 2
nd Edition for ITE
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.
Model Number Key
12
Output Voltage: "12" = 12V output, "24" = 24V output, etc.
75
"75" = Output Connector - 4 pin header
MINT
"K" = Input Connector - 3 pin header
01
01 = Standard Model, 02 and higher indicates a m odified m odel.
Product Fam ily: "M" = Medical, "I" = Internal, "NT" = New Technology
1
# of Outputs
045
Output Pow er (Watts) - "045" = 45W
A
Model Configuration: "A" = Class I Input; "B" = Class II Input (no ground)
K


Similar Part No. - MINT1045

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1045A1275K01 SLPOWER-MINT1045A1275K01 Datasheet
520Kb / 3P
Medical & ITE ??Universal Input Power Supply
MINT1045A1575K01 SLPOWER-MINT1045A1575K01 Datasheet
520Kb / 3P
Medical & ITE ??Universal Input Power Supply
MINT1045A2475K01 SLPOWER-MINT1045A2475K01 Datasheet
520Kb / 3P
Medical & ITE ??Universal Input Power Supply
MINT1045A2875K01 SLPOWER-MINT1045A2875K01 Datasheet
520Kb / 3P
Medical & ITE ??Universal Input Power Supply
MINT1045 SLPOWER-MINT1045_15 Datasheet
520Kb / 3P
Medical & ITE ??Universal Input Power Supply
More results

Similar Description - MINT1045

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4711 TI-PT4711 Datasheet
337Kb / 13P
45-W Dual-Output Isolated DC/DC Converter
logo
Emerson Network Power
AEE01 EMERSON-NETWORKPOWER-AEE01 Datasheet
134Kb / 2P
10 W, Single output
AEE04 EMERSON-NETWORKPOWER-AEE04 Datasheet
114Kb / 2P
15 W, Single, Dual output
logo
Powerbox
TR45 POWERBOX-TR45 Datasheet
593Kb / 1P
45 WATTS SINGLE OUTPUT AC/DC GENERAL
logo
Hittite Microwave Corpo...
HMC842LC4B HITTITE-HMC842LC4B Datasheet
971Kb / 8P
45 Gbps, FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC843LC4B HITTITE-HMC843LC4B Datasheet
1,010Kb / 8P
45 Gbps, AND / NAND / OR / NOR w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC844LC4B HITTITE-HMC844LC4B Datasheet
819Kb / 8P
45 Gbps, XOR / XNOR w/ PROGRAMMABLE OUTPUT VOLTAGE
logo
Recom International Pow...
RACD45-A RECOM-RACD45-A Datasheet
97Kb / 2P
45 Watt PFC Single Output
logo
Artesyn Technologies
NLP250N-99S12J ARTESYN-NLP250N-99S12J Datasheet
650Kb / 4P
Single Output 250 W
logo
STMicroelectronics
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com