Electronic Components Datasheet Search
  English  ▼

X  

MINT1180 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MINT1180
Description  180W SINGLE OUTPUT MEDICAL SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1180 Datasheet(HTML) 1 Page - SL Power Electronics

  MINT1180 Datasheet HTML 1Page - SL Power Electronics MINT1180 Datasheet HTML 2Page - SL Power Electronics MINT1180 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
3” x 5” x 1.3” Package
180W Convection Cooled Power
Ideal for 1U Applications
Class I and Class II versions
Universal Input 90-264 VAC
Approved to CSA/EN/IEC/UL60601-1, 3
rd
Edition, 2 x MOPP Isolation
Approved to CSA/EN/IEC/UL60950-1 2
nd
Edition
Efficiency 90% typical
3 Year Warranty
RoHS Compliant
Description
The
MINT1180 product family is the most cost-effective medically approved supply in the market with 180 watts
of convection cooled output power in 3”X5” footprint. The series comes in eight different models ranging from
12 to 48V and has been approved to IEC60601-1 3
rd Edition, rated for 2 MOPP (Means of Patient Protection)
isolation. This new single output power supply family has both Class I and II input versions and accepts wide
input range of 90 to 264Vac. The typical 90% efficiency and convection cooled make this supply an excellent
solution for HomeCare applications where the use of fans is not desired.
Model Selection
Model Number
Volts
Output
Current*
Minimum Load
Ripple &
Noise**
Total
Regulation
OVP Threshold
MINT1180A1275K01
12V
15.0A
0A
120mV pk-pk
3%
14.0
 1.1V
MINT1180A1575K01
15V
12.0A
0A
150mV pk-pk
3%
18.5 ± 1.2V
MINT1180A1875K01
18V
10.0A
0A
180mV pk-pk
3%
21.5 ± 2.0V
MINT1180A2475K01
24V
7.50A
0A
240mV pk-pk
3%
29.0 ± 2.5V
MINT1180A2875K01
28V
6.40A
0A
280mV pk-pk
3%
33.5 ± 2.5V
MINT1180A3275K01
32V
5.62A
0A
320mV pk-pk
3%
36.0 ± 3.0V
MINT1180A4875K01
48V
3.75A
0A
480mV pk-pk
3%
56.0 ± 3.0V
Notes:
*
Total convection power is 180 Watts.
** Measured with noise probe directly across output terminals, and load terminated with 0.1μF ceramic and 10μF low ESR capacitors.
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
120–370Vdc
Turn On Time
Less than 3 sec. @115Vac & Full Load
Input Current
115Vac: 1.8A, 230Vac: 0.9A
Hold-up Time
>16mS at 180W, 120Vac


Similar Part No. - MINT1180

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1110 SLPOWER-MINT1110 Datasheet
489Kb / 3P
Universal Input Power Supply
MINT1110A SLPOWER-MINT1110A Datasheet
489Kb / 3P
110W Single Output Series
MINT1110A1208K01 SLPOWER-MINT1110A1208K01 Datasheet
489Kb / 3P
110W Single Output Series
MINT1110A1208K01 SLPOWER-MINT1110A1208K01 Datasheet
489Kb / 3P
Universal Input Power Supply
MINT1110A1508K01 SLPOWER-MINT1110A1508K01 Datasheet
489Kb / 3P
110W Single Output Series
More results

Similar Description - MINT1180

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
DSR50 LAMBDA-DSR50 Datasheet
236Kb / 4P
Single output 30W~180W
logo
Emerson Network Power
NLP250MEDICAL_0910 EMERSON-NETWORKPOWER-NLP250MEDICAL_0910 Datasheet
577Kb / 4P
Single Output Medical safeties
logo
SL Power Electronics
MINT1175 SLPOWER-MINT1175 Datasheet
1Mb / 8P
175W Single Output Medical Series
MINT1275 SLPOWER-MINT1275 Datasheet
1Mb / 9P
275W Single Output Medical Series
logo
Tumbler Technologies + ...
TWM180 TRUMPOWER-TWM180 Datasheet
75Kb / 2P
180W Medical Grade AC/DC Power Supplies
logo
SL Power Electronics
MB60S SLPOWER-MB60S Datasheet
2Mb / 9P
60W Single Output Medical Series
MB65S SLPOWER-MB65S Datasheet
2Mb / 10P
65W Single Output Medical Series
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
40W Single Output External Power Medical Series
logo
MicroPower Direct, LLC
MPO-120S MPD-MPO-120S Datasheet
2Mb / 5P
Single Output, 180W Compact, Open Frame AC/DC Power Supplies
logo
Mean Well Enterprises C...
DRC-180 MEANWELL-DRC-180 Datasheet
728Kb / 5P
180W Single Output with Battery Charger(UPS Function)
2022-03-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com