Electronic Components Datasheet Search
  English  ▼

X  

MINT1275 Datasheet(PDF) 8 Page - SL Power Electronics

Part # MINT1275
Description  275W Single Output Medical Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1275 Datasheet(HTML) 8 Page - SL Power Electronics

  MINT1275 Datasheet HTML 1Page - SL Power Electronics MINT1275 Datasheet HTML 2Page - SL Power Electronics MINT1275 Datasheet HTML 3Page - SL Power Electronics MINT1275 Datasheet HTML 4Page - SL Power Electronics MINT1275 Datasheet HTML 5Page - SL Power Electronics MINT1275 Datasheet HTML 6Page - SL Power Electronics MINT1275 Datasheet HTML 7Page - SL Power Electronics MINT1275 Datasheet HTML 8Page - SL Power Electronics MINT1275 Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ripple & Noise
To verify that the output ripple and noise does not exceed the level specified in the product specification. Measured using a scope probe socket with
0.1µF ceramic and a 10µF electrolytic capacitor connected in parallel across it, BW limit with 20MHz.
12V OUT, NO LOAD, 115VAC, 60HZ
12V OUT, FULL LOAD, 115VAC, 60HZ
12V OUT, NO LOAD, 230VAC, 60HZ
12V OUT, FULL LOAD, 230VAC, 60HZ
Output Transient Response
50% load step within the regulation limits of minimum and maximum load, dI/dt< 0.2A/μSec. Recovery time not specified as there is no laps in regulation
with a 50% Load Step. Maximum voltage deviation is 3%.
12V OUT, 115VAC, 25% TO 75% LOAD STEP
12V OUT, 230VAC, 25% TO 75% LOAD STEP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com