Electronic Components Datasheet Search
  English  ▼

X  

PE9506 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9506
Description  Precision SMA Male to SMA Female Adapter Max. Freq. 26.5 GHZ.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9506 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9506 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9506 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9506 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/sma-male-sma-female-straight-adapter-pe9506-p.aspx
Precision SMA Male to SMA Female Adapter Max. Freq. 26.5 GHZ. from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Precision SMA Male to SMA Female
Adapter Max. Freq. 26.5 GHZ.
PE9506
PE9506 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com