Electronic Components Datasheet Search
  English  ▼

X  

PE9507 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9507
Description  Precision SMA Female to SMA Female Adapter 26.5 Ghz.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9507 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9507 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9507 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Precision SMA Female to SMA Female Adapter 26.5 Ghz.
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 26.5
Impedance, Ohms
50
Maximum VSWR
1.2:1
Mechanical Specifications
Size
Length, in [mm]
0.588 [14.94]
Width/Dia., in [mm]
0.278 [7.06]
.
Dielectric Type
PTFE
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Stainless Steel, Passivated
Body Plating Specification
ASTM A380
Connector 2
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Stainless Steel, Passivated
Body Plating Specification
ASTM A380
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/sma-female-sma-female-straight-adapter-pe9507-p.aspx
Precision SMA Female to SMA Female Adapter 26.5 Ghz. from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Precision SMA Female to SMA Female Adapter 26.5 Ghz.
PE9507
PE9507 REV


Similar Part No. - PE9507

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
PE9501 PASTERNACK-PE9501 Datasheet
257Kb / 3P
Precision 2.4mm Male to N Female Adapter
PE9501 PASTERNACK-PE9501 Datasheet
257Kb / 3P
Precision 2.4mm Male to N Female Adapter
PE9502 PASTERNACK-PE9502 Datasheet
251Kb / 3P
Precision 2.4mm Female to N Female Adapter
PE9503 PASTERNACK-PE9503 Datasheet
254Kb / 2P
Precision 2.4mm Female to N Male Adapter
More results

Similar Description - PE9507

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9014 PASTERNACK-PE9014 Datasheet
260Kb / 3P
Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz
PE9442 PASTERNACK-PE9442 Datasheet
248Kb / 2P
Precision SMA Female to TNC Female Adapter
PE9506 PASTERNACK-PE9506 Datasheet
246Kb / 3P
Precision SMA Male to SMA Female Adapter Max. Freq. 26.5 GHZ.
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE9729 PASTERNACK-PE9729 Datasheet
254Kb / 2P
Precision SMA Female to 1.85mm Female Adapter
PE9779 PASTERNACK-PE9779 Datasheet
247Kb / 2P
Precision SMA Female to SMP Female Adapter
PE91064 PASTERNACK-PE91064 Datasheet
455Kb / 3P
Precision SMA Female to SMP Female Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE91222 PASTERNACK-PE91222 Datasheet
342Kb / 3P
Precision SMA Male to SMA Female Swept Right Angle Adapter Functional Up to 26.5 GHz
PE9695 PASTERNACK-PE9695 Datasheet
368Kb / 4P
Precision SMA Female to SMA Female Adapter, 18 Ghz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com