Electronic Components Datasheet Search
  English  ▼

X  

PE9508 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9508
Description  Precision SMA Female to SMA Female Bulkhead Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9508 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9508 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9508 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9508 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision SMA Female to SMA Female Bulkhead Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
SMA Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Precision
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 26.5
Maximum VSWR
1.3:1
Frequency 1
Frequency, GHz
DC to 18
VSWR
1.15:1
Frequency 2
Frequency, GHz
18 to 26.5
VSWR
1.3:1
Mechanical Specifications
Size
Length, in [mm]
0.88 [22.35]
Width/Dia., in [mm]
0.478 [12.14]
.
Connector 1
Type
SMA Female
Connector 2
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Precision SMA Female to SMA Female Bulkhead Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Female to SMA Female Bulkhead Adapter PE9508
PE9508
PE9508 REV


Similar Part No. - PE9508

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
More results

Similar Description - PE9508

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9071 PASTERNACK-PE9071 Datasheet
255Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9435 PASTERNACK-PE9435 Datasheet
250Kb / 2P
Precision Bulkhead SMA Female to N Female Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE91258 PASTERNACK-PE91258 Datasheet
356Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9184NH PASTERNACK-PE9184NH Datasheet
363Kb / 4P
Bulkhead Mount SMA Female to SMA Female Adapter
PE9486 PASTERNACK-PE9486 Datasheet
350Kb / 3P
Precision SMA Female to N Female Bulkhead Adapter
PE9620 PASTERNACK-PE9620 Datasheet
387Kb / 4P
Precision SMA Female to SMA Female Bulkhead Mount Adapter, With O-Ring
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
SMA Male to SMA Female Bulkhead Adapter
logo
Linx Technologies
ADP-SMAF-SMAF-B-G LINX-ADP-SMAF-SMAF-B-G Datasheet
150Kb / 2P
SMA FEMALE TO SMA FEMALE BULKHEAD MOUNT ADAPTER
ADP-SMAF-SMAF-SSB-G LINX-ADP-SMAF-SMAF-SSB-G Datasheet
210Kb / 2P
SMA FEMALE TO SMA FEMALE ADAPTER, SEALED BULKHEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com