Electronic Components Datasheet Search
  English  ▼

X  

PCM-C3530 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-C3530
Description  SBC with TI OMAP35 Series Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-C3530 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-C3530 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-C3530 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Solutions
Features
ƒ TI OMAP35 series @ 600 MHz high performance/application processor
(Cortex™-A8 based)
ƒ Supports OpenGL ES 1.1 & 2.0, OpenVG 1.0 and Direct3D (PCM-C3530 only)
ƒ Video supports D1 resolution directly and up to 720P (PCM-C3530 only)
ƒ Built-in 430 MHz TMS320C64x+™ DSP Core (PCM-C3530 only)
ƒ Power DC input 10 ~ 24 V±5%; Power Consumption: Standard 2W (max. 3W)
ƒ Extended temperature available as optional models
ƒ Compact size for system integration easily
ƒ Supports Embedded Linux2.6, and Win CE 6.0
PCM-C3503/C3530 SBCwithTIOMAP35Series
Processor
Specifications
Kernel
M/B
PCM-C3503 (by component change)
PCM-C3530
CPU
TI-OMAP 3503 Cortex-A8 600 MHz
TI-OMAP 3530 Cortex-A8 600 MHz
Multi-Media Support
-
Built-in 430 MHz TMS320C64x+™ DSP Core support
2D/3D Accelerators
-
Support OpenGL ES 1.1 & 2.0, OpenVG 1.0 and
Direct3D
System RAM
128 MB Mobile DDR
256 MB Mobile DDR
Image/AP Flash
- (boot from SD Card)
2 GB
Graphics Chip
CPU internal 24-bit LCD controller
RTC
Yes
Watchdog Timer
Yes
Power Management
Standard / ldle / Suspend mode
Reset
H/W & S/W reset
I/O
COM
RS-232 x2 (pin header)
TTL x1 (pin header)
RS-232 x3 (1x DB-9 , 2x pin header)
RS-485 x1 (box header), TTL x1 (pin header)
Ethernet LAN
10/100 Mbps (RJ-45)
USB Host
USB 2.0 x4 (Type A x2, pin header x2)
USB OTG
USB HS OTG x1 (OTG connector)
SD/MMC
2 (SD slot x1+ pin header x1)
SATA
-
Touch
4-wire resistive type interface by ADS7846
Keypad
6 x 6 matrix keypad (pin header)
I2C Interface
2 (pin header)
I2S Interface
-
CANBus
-
SPI Interface
1 (pin header)
HDMI
-
VGA
-
Mini PCIe Connector
-
System Bus
-
GPIO
20-pin 3.3V TTL level GPIOs (pin header)
Multimedia
Graphics Chip
CPU internal 24-bit LCD controller
Resolution
Default 800x480
LCD Interface
24-bit LVDS LCD connector
Brightness/Backlight Control
Yes
Audio
MIC-in, Line-in, Line-out, Speaker-out (pin header)
Power
DC-input
10 V ~ 24 VDC (±5%)
Power Consumption
Normal Run
Standard 2W
Full Run
3 Watts
Mechanical & Environmental
Size
90 x 120 x 17 mm
Weight
92g
PCB Thickness
1.6 mm, 8 layers
Operating Temperature
0 ~ 60° C (-20 ~ 70° C, -40 ~ 85° C with a component change)
Operating Humidity
5 ~ 95 % relative humidity, non-condensing
Other
RoHS
Yes
Certifications
CE , FCC
Wireless (optional)
Thru SDIO /USB interface
Software Support
Embedded Linux2.6, and Win CE6.0
Microsoft®
Windows®
Embedded
All product specifications are subject to change without notice
Last updated : 18-Jun-2012


Similar Part No. - PCM-C3530

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-C3530DK-B00E ADVANTECH-PCM-C3530DK-B00E Datasheet
1Mb / 2P
SBC with TI OMAP35 Series Processor
PCM-C3530DK-B00E ADVANTECH-PCM-C3530DK-B00E Datasheet
1,018Kb / 2P
TI OMAP35 SBC with Windows짰 Embedded CE 6.0
PCM-C3530_EVALUATION_KIT ADVANTECH-PCM-C3530_EVALUATION_KIT Datasheet
1,018Kb / 2P
TI OMAP35 SBC with Windows짰 Embedded CE 6.0
More results

Similar Description - PCM-C3530

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RSB-4210 ADVANTECH-RSB-4210 Datasheet
1Mb / 2P
SBC with Freescale i.MX53 Series Processor
PCM-C3503 ADVANTECH-PCM-C3503 Datasheet
1Mb / 2P
SBC with TI OMAP35 Series Processor
PCM-C3530_EVALUATION_KIT ADVANTECH-PCM-C3530_EVALUATION_KIT Datasheet
1,018Kb / 2P
TI OMAP35 SBC with Windows짰 Embedded CE 6.0
SOM-C3503 ADVANTECH-SOM-C3503 Datasheet
1Mb / 2P
COM with TI OMAP35 Series Processor
SOM-C3530 ADVANTECH-SOM-C3530 Datasheet
1Mb / 2P
COM with TI OMAP35 Series Processor
SOM-C3530EVALUATIONKIT ADVANTECH-SOM-C3530EVALUATIONKIT Datasheet
1Mb / 2P
TI OMAP35 COM with Windows짰 Embedded CE 6.0
logo
Axiomtek Co., Ltd.
CAPA312 AXIOMTEK-CAPA312 Datasheet
276Kb / 1P
3.5 Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor 3.5" Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
DFI Inc
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
logo
Advantech Co., Ltd.
RSB-4221 ADVANTECH-RSB-4221 Datasheet
611Kb / 2P
TI Sitara??ARM짰 AM3358 Cortex짰-A8 3.5 SBC
16-Jan-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com