Electronic Components Datasheet Search
  English  ▼

X  

SIMB-A01 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SIMB-A01
Description  Intel짰 LGA775 Core?? Quad / Core?? Duo ATX with VGA, 4 COM and Dual LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SIMB-A01 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SIMB-A01 Datasheet HTML 1Page - Advantech Co., Ltd. SIMB-A01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SIMB-A01
Ordering Information
P/N
CPU
Chipset
VGA
GbE
USB
COM
SATA
SIMB-A01-6G200A1E
Intel Core 2 Quad / Core 2
Duo / Pentium / Celeron
Intel Q35 + ICH9R
1
2
12 (4 Rear, 8 Internal)
4 RS-232
(1 Rear, 3 Internal)
6 SATA II
Note: Minimum order quantity is 200 pieces
I/O View
Mouse
2 LAN
Keyboard
VGA
Mic-in
Line-out
LPT
Line-in
COM
4 USB
Packing List
Description
Quantity
SATA cable kit (SATA/Power)
1
I/O shield
1
Startup manual
1 (per 10 units)
Driver CD
1 (per 10 units)
Optional Accessories
Part Number
Description
1960022033T000
LGA775 CPU cooler for 2U chasis
1700002204
USB cable with two ports, 27 cm
1700003195
USB cable with two ports, 17.5 cm
1700008461
USB cable with two ports, 30.5 cm
Realtek ALC888
HD Audio
12 x USB 2.0 ports
USB 2.0
32-bit/33MHz
5 x PCI slots
PCI 2.2
SPI ROM
SPI
DDR2 800/667MHz
DDR2 800/667MHz
Intel Q35
Intel
ICH9R
Intel LGA775
Core 2 Quad/Core 2 Duo/
Pentium/Celeron processor
Channel A
VGA
Channel B
SATA II
DDR2 800/667MHz
DDR2 800/667MHz
VGA
PCIe x16 Slot
PCIe x 16
400MHz
6 x SATA II ports
GLCI
LAN 1
Realtek RTL8111C
PCIe x1
LAN 2
Realtek RTL8111C
PCIe x1
PCIe x1
3Gb/s
PCIe x1 Slot
JMB368
IDE
Winbond
83627DHG-A
1 RS-232 port,
1 FDD,1LPT
TPM
Fintek 81216AD
2 RS-232 ports,
1 RS-232/422/485 port



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com