Electronic Components Datasheet Search
  English  ▼

X  

SIMB-M02 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SIMB-M02
Description  Intel짰 Atom??Mini-ITX with VGA/LVDS/HDMI, 6 COMs and LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SIMB-M02 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SIMB-M02 Datasheet HTML 1Page - Advantech Co., Ltd. SIMB-M02 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semi-Industrial Motherboards
All product specifications are subject to change without notice
Last updated : 11-Jan-2013
Features
SIMB-M02
ƒ Intel® N2600 / D2550 processor
ƒ Intel NM10 chipset
ƒ Intel integrated SGX545 support DirectX 10.1
ƒ One 204-pin SODIMM socket supports up to 4GB DDR3 1066MT SDRAM
ƒ Realtek 8111E LAN
ƒ Supports multiple dual display functions : VGA, HDMI, Single channel
18/24-bit LVDS
ƒ 1 x PCIe x 1, 1 x Full Size Mini-PCIe, 1 x CFast (Optional)
ƒ 6 COM (with power), 2 SATA II
ƒ 7 USB 2.0, TPM 1.2 (Optional)
Specifications
Processor System
CPU
N2600
D2550
Core Number
2
2
Max. Speed
1.6 GHz
1.86 GHz
L2 Cache
1 MB
1M
Chipset
Intel NM10
BIOS
FHW 16Mbit, SPI
Expansion Slots
PCIe
1
Full Size Mini-PCIe
1
Memory
Technology
Single channel DDR3 1066 MHz
Max. Capacity
2 GB (for N2600), 4 GB (for D2550)
Socket
1 x 204-pin SODIMM
Graphics
Controller
Intel Graphics Media Accelerator HD 3650
VGA
Supports max. resolution 1920 x 1200
LVDS
Single channel 18/24-bit LVDS supports max resolution 1366 x 768
HDMI
HDMI 1.3 supports max resolution 1920 x 1200
Dual Display
VGA + LVDS, VGA + HDMI, LVDS + HDMI
Ethernet
Interface
10/100/1000 Mbps
Controller
Realtek 8111E LAN
Connector
RJ-45 x 1
SATA
Max Data Transfer Rate
300 MB/s (SATA II)
Channel
2
SSD
Cfast
Optional (co-lay with SATA II, if it is used, only 1 SATA II can be used)
Rear I/O
VGA
1
HDMI
1
Ethernet
1
USB
4 (USB 2.0)
Audio
3 (Line-out, Line-in, Mic-in)
Serial
2 (RS-232 with R1/5V/12V power)
PS/2
1 port (support Y cable)
Internal Connectors
LVDS & Inverter
1
USB
3 (Pin-header)
Serial
4 (RS-232 with R1/5V/12V power)
SATA
2 SATA II
GPIO
8-bit (4-bit DI and 4-bit DO)
Watchdog Timer
Output
System reset
Interval
Programmable 1~ 255 sec/min
Security
TPM
Optional
Power Requirements
Typical
Single Voltage 12V DC input by 1 x External DC Jack or 1 x Internal 2x2-pin Power Connector
To be measured
Environment
Temperature
Operating
Non-Operating
0 ~ 50° C (32 ~ 122° F)
-20 ~ 70° C (-4 ~ 158° F)
Physical Characteristics
Dimensions
170 x 170 mm (6.69" x 6.69")
Intel® Atom™ Mini-ITX with
VGA/LVDS/HDMI, 6 COMs and LAN
RoHS
COMPLIANT
2002/95/EC
"N2600" series only


Similar Part No. - SIMB-M02

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SIMB-M02-D2500A1E ADVANTECH-SIMB-M02-D2500A1E Datasheet
920Kb / 2P
Intel짰 Atom??Mini-ITX with VGA/LVDS/HDMI, 6 COMs and LAN
SIMB-M02-N2600A1E ADVANTECH-SIMB-M02-N2600A1E Datasheet
920Kb / 2P
Intel짰 Atom??Mini-ITX with VGA/LVDS/HDMI, 6 COMs and LAN
SIMB-M02 ADVANTECH-SIMB-M02_14 Datasheet
920Kb / 2P
Intel짰 Atom??Mini-ITX with VGA/LVDS/HDMI, 6 COMs and LAN
More results

Similar Description - SIMB-M02

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-210 ADVANTECH-AIMB-210 Datasheet
1Mb / 3P
Intel짰 ATOM??Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
AIMB-212 ADVANTECH-AIMB-212 Datasheet
883Kb / 2P
Intel짰 N450/D510 Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
20-Jan-2010
AIMB-221 ADVANTECH-AIMB-221 Datasheet
1Mb / 3P
AMD Turion??and Sempron??Mini-ITX with VGA/LVDS/HDMI, 6 COM, and Dual LAN
09-Nov-2009
GMB-N270 ADVANTECH-GMB-N270 Datasheet
315Kb / 2P
Intel짰 ATOM??Mini-ITX with Dual VGA, 6 COM, and Dual LAN
AIMB-210_1206 ADVANTECH-AIMB-210_1206 Datasheet
1Mb / 2P
Intel짰 Atom??N270 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN
SIMB-M01 ADVANTECH-SIMB-M01 Datasheet
825Kb / 2P
Intel짰 Atom??D525 Mini-ITX with VGA/HDMI, 2 COM and LAN
AIMB-214-A101-3 ADVANTECH-AIMB-214-A101-3 Datasheet
927Kb / 2P
Intel짰 Atom??N2600/D2550 Mini-ITX with CRT/HDMI/2 LVDS, 6 COM, and Dual LAN
SIMB-M01 ADVANTECH-SIMB-M01_14 Datasheet
625Kb / 2P
Intel짰 Atom??D525 Mini-ITX with VGA/HDMI, 2 COM and LAN
SIMB-M02 ADVANTECH-SIMB-M02_14 Datasheet
920Kb / 2P
Intel짰 Atom??Mini-ITX with VGA/LVDS/HDMI, 6 COMs and LAN
SIMB-M01-1VGS8A1E ADVANTECH-SIMB-M01-1VGS8A1E Datasheet
625Kb / 2P
Intel짰 Atom??D525 Mini-ITX with VGA/HDMI, 2 COM and LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com