Electronic Components Datasheet Search
  English  ▼

X  

Powercord Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # Powercord
Description  TI OMAP35 COM with Windows짰 Embedded CE 6.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

Powercord Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  Powercord Datasheet HTML 1Page - Advantech Co., Ltd. Powercord Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-C3530 Evaluation Kit
Packing List
Part No.
Description
Quantity
9698353005E
SOM-C3530 COM (CPU Board)
1
9698353010E
SOM-C3530 CSB (Carrier Board)
1
1330002308
LCD-LED Backlight 7" LVDS RGB
97G070V1N0F-2
1
1700000194
Touch Cable
1
1700014418
LVDS Cable
1
1700014438
LCD Backlight Cable
1
1757002944
Adapter 100-240V 90W 19V 4.74A W/PFC
9NA0900508
1
ADAM-4520-D2E RS-232 to RS-422/485 converter w/ iso. Rev. D2E 1
1652002209
PLUG-IN BLOCK DIP 2P (F) MC421-38102
DECA
1
1703100153
A Cable D-SUB 9P(M)/2*5P-2.0 15cm
2
1700000137
Cable AV Terminal 180cm
1
1700091002
M Cable D-SUB 9P(F)/D-SUB 9P(F) 100CM
1
1654909900
Terminal connector 9P Female
1
2066000300
CD of Advantech SoftwareBlank
1
1700013957
mini usb cable
1
Ordering Information
Part No.
Description
SOM-C3530DK-B00E
(Must Item)
Evaluation kit for TI OMAP3530 w/Windows CE
6.0,256MB DDR SDRAM,2GB on board flash
Power cord
1700001524 for 3-pin USA standard power cord
170203183C for 3-pin Europe standard power cord
170203180A for 3-pin UK standard power cord
I/O Placement
VGA
LCD TTL
SD Card
LCD
LVDS
Line-out Jack
USB Host (2x)
RS-232
RS485
LAN
DC Jack
Expansion Bus
(ARM Bus)
USB Client
SD Card
Camera Interface
Video In/Out
USB HOST 1
TI OMAP 3530
UART 1
(TTL with 5V Power)
UART 3
Debug Port
Buzzer
Reset
Pin Header
AMI BUS
Line Out
NAND Flash
2 GB
JTAG Test
DDR RAM
128 MB x 2
RCA
Connector
Level Shift
DM9000B
Transformer
RJ-45
TI_MAX3243
TI SN65HVD11D
XR16L2751
TX, RX (7-pins)
Cam (22-pins)
GPIO 4 (1-pin)
DSS (29-pins)
4-wire
TTL UART 2
I2C3, 3V3
I2C3, 3V3
I2C2, I2C3
1V8
I2C3, I2C4
TTL UART 4
(Full Function)
TTL UART 5
(RS-485)
UART 4
D-Sub 9
ADS7846E
Touch Driver
Touch
Connector
Level Shift
VGA D-SUB
15 Pins
TI
TH S8134B
TI
SN65LVDS93DGG
LVDS
Connector
Level Shift
TTL LCD
Connector
ISP 1520 USB
HUB Chip
USB HOST 2
USB HOST 2
SMSC
USB 3320
USB Host (3-pins)
HSUSB2
HSUSB0
(ULPI)
SPI1
CS0
CS3
CS4
SPI1
SDRC
SD/MMC2
JTAG
Interface
GPMC
Pin Header
Touch (4-pins)
2 to 1 MUX
Camera
TV Decoder:
TVP5150AM1
RCA Connector
RTC Seiko
S-35390A
MAX6369KA-T
Watchdog
Battery
Audio
USB Client
6 x 6 keypad (16-pins)
TV OUT
SPI 4
Level Shift
PCA9306
Level Shift
I2C Pin
Header
TPS 65930
PMIC
USB 2.0
Client
USB 2.0
Client Conn
TPA2012D2
Amplier
Mic In
Box Header
Speaker Box
Header
8 x 8 keypad
Pin Header
Level Shift
SD 1
Card Slot
SD 2
Card Slot
4-wire TTL UART 1
4-wire TTL UART 3
GPIO 13 (1-pin)
GPIO 8, 9 (2-pins)
SD/MMC 1 (6-pins)
SD/MMC 3 (6-pins)
GPIO 18~25 (8-pins)
GPMC (36-pins) (3V)
TI MAX3243
485
Phoenix
Conn.
TI MAX3243
Suspend
Line Out (Stereo)
Pin Header
CSB
SOM
Level Shift



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com