Electronic Components Datasheet Search
  English  ▼

X  

OPS830 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # OPS830
Description  PCIe Mini Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

OPS830 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  OPS830 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
519
Optional EOS Installation
Windows
® 7 Embbeded
OPS830
Intel
® Atom™ Cedarview Open Pluggable
Specification (OPS) Digital Signage Player
● Open Pluggable Specification (OPS) compliance
● Built-in Intel
® Atom™ processor D2550
● DDR3 1066 SO-DIMM max. up to 4 GB
● PCIe Mini Card
● Easy maintenance: pluggable HDD and easy-to-change DRAM
● VGA connector
Specifications
Ordering Information
Dimensions
Main System
CPU
Intel
® Atom™ D2550 processor
Chipset
Intel
® NM10
System Memory 1 x 204-pin DDR3 1066 SO-DIMM max.
up to 4 GB
Storage
1 x 2.5" SATA HDD tray
Watchdog Timer 255 levels, 1 ~ 255 sec.
I/O
2 x USB 2.0
1 x 10/100/1000Mbps Ethernet
1 x VGA
1 x power on/off button
1 x reset button
1 x Audio (Line-out/ Mic-in)
1 x DVI/HDMI (via OPS JAE interconnector)
1 x DisplayPort (via OPS JAE interconnector)
3 x USB 2.0 (via OPS JAE interconnector)
1 x Audio (Line-out, via OPS JAE interconnector)
1 x UART (TX/RX, via OPS JAE interconnector)
Indicator
1 x LED for system power ON
1 x LED for HDD active
WiFi
Supports 802.11 a/b/g/n (optional)
Expansion Slot
1 x PCI Express Mini Card
Dimensions
200 mm (7.87") (W) x 119 mm (4.68") (D) x 30 mm (1.18") (H)
Packing Dimensions
270 mm (10.63") (W) x 197 mm (7.76") (D) x 70 mm (2.76") (H)
Weight (net/gross)
1 kg (2.21lb)/1.5 kg (3.31lb)
Environmental
0°C ~ +45°C (32°F ~ +113°F) (With airflow 0.7 m/s),
OPS compliance
Standard
OPS830-D2550
OPS digital signage player supports Intel
® Atom™
processor D2550
Optional
OFP320
31.5" full HD digital signage display
OFP321
31.5" LED backlight full HD digital signage display
AX93157
OPS docking board
Features
OPS
Rear view
1. 2.5” HDD Slot
2. USB 2.0 x 2
3. Ethernet
4. VGA
5. Power switch
6. Reset
7. Audio (Line-out)
8. Audio (Mic-in)
9. Power indicator
10. HDD indicator
11. JAE TX-25
12. WiFi antenna (optional)
8
5
3
2
4
6
7
10
1
12
9
Optional OS Installation
Windows
® 7
Packing
1 x driver CD
1 x HDD mylar x 1
1 x thermal grease
1 x thermal pad
2 x M3 x 4 screw
2 x M4 x 6 screw
DDR3
DDR3
DDR3
11


Similar Part No. - OPS830

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830 Datasheet
242Kb / 2P
Intel짰 Atom??Cedarview Open Pluggable Specification (OPS) Digital Signage Player
OPS830-D2550 AXIOMTEK-OPS830-D2550 Datasheet
312Kb / 2P
Open Pluggable Specification (OPS) compliance
OPS830-D2550 AXIOMTEK-OPS830-D2550 Datasheet
242Kb / 1P
DDR3-1066 SO-DIMM max. up to 4 GB by D2550
OPS830-D2550-RC-NP AXIOMTEK-OPS830-D2550-RC-NP Datasheet
242Kb / 2P
Intel짰 Atom??Cedarview Open Pluggable Specification (OPS) Digital Signage Player
OPS830-N2600 AXIOMTEK-OPS830-N2600 Datasheet
242Kb / 1P
DDR3-1066 SO-DIMM max. up to 4 GB by D2550
More results

Similar Description - OPS830

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EWM-C106FT ADVANTECH-EWM-C106FT Datasheet
742Kb / 1P
HSUPA Full-size Mini PCIe Card
EWM-C107 ADVANTECH-EWM-C107 Datasheet
742Kb / 1P
EVDO Mini PCIe Card
EWM-C108HQ ADVANTECH-EWM-C108HQ Datasheet
719Kb / 1P
HSUPA Half-size Mini PCIe Card
EWM-G107F ADVANTECH-EWM-G107F Datasheet
757Kb / 1P
Embedded GPS/ GALILEO Mini PCIe Card
EWM-G107H ADVANTECH-EWM-G107H Datasheet
757Kb / 1P
Embedded GPS/ GALILEO Mini PCIe Card
logo
Axiomtek Co., Ltd.
GOT3126T-832 AXIOMTEK-GOT3126T-832 Datasheet
425Kb / 2P
Easy for expansion: PCIe Mini Card
logo
Skyworks Solutions Inc.
SKY65249-11 SKYWORKS-SKY65249-11_07 Datasheet
1Mb / 2P
PCIe, mini PCI card bus
logo
Vecow Co., Ltd.
UMX-100 VECOW-UMX-100 Datasheet
566Kb / 1P
Mini PCIe 2-port USB Card
DMX-100 VECOW-DMX-100 Datasheet
367Kb / 1P
Mini PCIe 32-bit GPIO Card
logo
Advantech Co., Ltd.
AMAX-5400E ADVANTECH-AMAX-5400E Datasheet
543Kb / 1P
PCIe mini card expansion module
20-Jul-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com