Electronic Components Datasheet Search
  English  ▼

X  

3054 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3054
Description  Notch filter 252 KHz Notch Frequency 50 ??SMA Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3054 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3054 Datasheet HTML 1Page - KR Electronics, Inc. 3054 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2011, KR Electronics, Inc.
3054, 252 KHz Notch Filter, Rev 0, October 31, 2011
KR Electronics, Inc.
KR Electronics part number 3054 is a 252 KHz notch filter.
Please consult the factory for other frequencies.
General Description
KR Electronics, Inc.
Features
 Notch filter
 252 KHz Notch Frequency
 50 
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3054

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3054 ALLEGRO-3054 Datasheet
87Kb / 12P
MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
List of Unclassifed Man...
3054 ETC2-3054 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
API Technologies Corp
3054 APITECH-3054 Datasheet
610Kb / 2P
Manual Step, Ruggedized SMA Connectors
logo
Heyco.
3054 HEYCO-3054 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Adafruit Industries
3054 ADAFRUIT-3054 Datasheet
172Kb / 3P
32x16 Red Green Dual Color LED Dot Matrix - 7.62mm Pitch - DE-DP14211
2/29/2016
More results

Similar Description - 3054

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2355-50 KR-2355-50 Datasheet
19Kb / 2P
Notch Filter
2409 KR-2409 Datasheet
19Kb / 2P
Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
2489-4 KR-2489-4 Datasheet
18Kb / 2P
Notch Filter
2497 KR-2497 Datasheet
20Kb / 2P
Notch Filter
2520-3 KR-2520-3 Datasheet
46Kb / 2P
Notch Filter
2520-8 KR-2520-8 Datasheet
44Kb / 2P
Notch Filter
3052 KR-3052 Datasheet
34Kb / 2P
Notch filter 198 KHz Notch Frequency 50 ??SMA Connectors
3053 KR-3053 Datasheet
34Kb / 2P
Notch filter 162 KHz Notch Frequency 50 ??SMA Connectors
3137 KR-3137 Datasheet
96Kb / 3P
500 KHz Notch Frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com