Electronic Components Datasheet Search
  English  ▼

X  

PE9521 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9521
Description  TNC Female to MCX Jack Bulkhead Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9521 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9521 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9521 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
TNC Female to MCX Jack Bulkhead Adapter
Configuration
Connector 1
TNC Female
Impedance 1
50 Ohms
Connector 2
MCX Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.163 [29.54]
Width/Dia., in [mm]
0.5 [12.7]
.
Connector 1
Type
TNC Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
MCX Jack
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/tnc-female-mcx-jack-straight-adapter-pe9521-p.aspx
TNC Female to MCX Jack Bulkhead Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
TNC Female to MCX Jack Bulkhead Adapter
PE9521
PE9521 REV


Similar Part No. - PE9521

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9520 PASTERNACK-PE9520 Datasheet
251Kb / 2P
Bulkhead MCX Jack to BNC Female Adapter
PE9522 PASTERNACK-PE9522 Datasheet
247Kb / 2P
MMCX Jack to MMCX Jack Bulkhead Adapter
PE9523 PASTERNACK-PE9523 Datasheet
75Kb / 1P
MMCX JACK TO MMCX JACK
PE9524 PASTERNACK-PE9524 Datasheet
74Kb / 1P
MCX JACK TO MCX JACK
PE9525 PASTERNACK-PE9525 Datasheet
247Kb / 2P
MMCX Plug to MCX Jack Adapter
More results

Similar Description - PE9521

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9462 PASTERNACK-PE9462 Datasheet
247Kb / 2P
N Female to MCX Jack Adapter
PE9466 PASTERNACK-PE9466 Datasheet
246Kb / 2P
MCX Jack to BNC Female Adapter
PE9474 PASTERNACK-PE9474 Datasheet
78Kb / 1P
MCX JACK TO MCX JACK BULKHEAD
PE9520 PASTERNACK-PE9520 Datasheet
251Kb / 2P
Bulkhead MCX Jack to BNC Female Adapter
PE9542 PASTERNACK-PE9542 Datasheet
245Kb / 2P
TNC Male to MCX Jack Adapter
PE9544 PASTERNACK-PE9544 Datasheet
74Kb / 1P
TNC FEMALE TO MCX JACK
PE9545 PASTERNACK-PE9545 Datasheet
246Kb / 2P
TNC Female to MCX Plug Adapter
logo
Amphenol Corporation
242192 AMPHENOL-242192 Datasheet
73Kb / 1P
AMC JACK TO TNC JACK BULKHEAD ADAPTER
logo
Huber+Suhner, Inc.
34_MCX-50-0-2111_N HUBERSUHNER-34_MCX-50-0-2111_N Datasheet
515Kb / 2P
COAXIAL ADAPTER, MCX, 50 Ohm, Bulkhead, jack / jack (female / female)
34_TNC-50-0-1133_N HUBERSUHNER-34_TNC-50-0-1133_N Datasheet
3Mb / 2P
COAXIAL ADAPTER, TNC, 50 Ohm, Bulkhead, jack / jack (female / female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com