Electronic Components Datasheet Search
  English  ▼

X  

PE9552 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9552
Description  N Female to TNC Female 4 Hole Flange Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9552 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9552 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9552 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female to TNC Female 4 Hole Flange Adapter
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector 2
TNC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mount Method
4 Hole Flange
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.5 [38.1]
Width/Dia., in [mm]
1 [25.4]
Height, in [mm]
1 [25.4]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
TNC Female
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-tnc-female-straight-adapter-pe9552-p.aspx
N Female to TNC Female 4 Hole Flange Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
N Female to TNC Female 4 Hole Flange Adapter
PE9552
PE9552 REV


Similar Part No. - PE9552

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9550 PASTERNACK-PE9550 Datasheet
242Kb / 2P
N Male to TNC Female Right Angle Adapter
PE9551 PASTERNACK-PE9551 Datasheet
357Kb / 4P
Bulkhead SMA Female to N Male Adapter
PE9553 PASTERNACK-PE9553 Datasheet
247Kb / 2P
4 Hole Flange N Female to HN Female Adapter
PE9554 PASTERNACK-PE9554 Datasheet
243Kb / 2P
N Male to HN Male Adapter
PE9555 PASTERNACK-PE9555 Datasheet
249Kb / 3P
7/16 DIN Male to 7/16 DIN Male Adapter
More results

Similar Description - PE9552

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9104 PASTERNACK-PE9104 Datasheet
256Kb / 3P
SMA Female to N Female 4 Hole Flange Adapter
PE9173 PASTERNACK-PE9173 Datasheet
254Kb / 3P
N Female to N Female 4 Hole Flange Adapter
PE9238 PASTERNACK-PE9238 Datasheet
238Kb / 2P
N Female to BNC Female 4 Hole Flange Adapter
PE9288 PASTERNACK-PE9288 Datasheet
255Kb / 3P
TNC Female to TNC Female 4 Hole Flange Adapter
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
SMA Male to TNC Female 4 Hole Flange Adapter
PE9450 PASTERNACK-PE9450 Datasheet
244Kb / 2P
Precision 4 Hole Flange N Female to TNC Female Adapter
PE9553 PASTERNACK-PE9553 Datasheet
247Kb / 2P
4 Hole Flange N Female to HN Female Adapter
PE9450 PASTERNACK-PE9450 Datasheet
244Kb / 2P
Precision 4 Hole Flange N Female to TNC Female Adapter
PE9276 PASTERNACK-PE9276 Datasheet
349Kb / 3P
SMA Female to TNC Female 4 Hole Flange Adapter
PE9429 PASTERNACK-PE9429 Datasheet
386Kb / 4P
Precision N Female to N Female 4 Hole Flange Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com