Electronic Components Datasheet Search
  English  ▼

X  

PE9554 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9554
Description  N Male to HN Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9554 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9554 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9554 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Male to HN Male Adapter
Configuration
Connector 1
N Male
Impedance 1
50 Ohms
Connector 2
HN Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.83 [46.48]
Width/Dia., in [mm]
0.9 [22.86]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
HN Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-hn-male-straight-adapter-pe9554-p.aspx
N Male to HN Male Adapter from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
N Male to HN Male Adapter
PE9554
PE9554 REV


Similar Part No. - PE9554

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9550 PASTERNACK-PE9550 Datasheet
242Kb / 2P
N Male to TNC Female Right Angle Adapter
PE9551 PASTERNACK-PE9551 Datasheet
357Kb / 4P
Bulkhead SMA Female to N Male Adapter
PE9552 PASTERNACK-PE9552 Datasheet
248Kb / 2P
N Female to TNC Female 4 Hole Flange Adapter
PE9553 PASTERNACK-PE9553 Datasheet
247Kb / 2P
4 Hole Flange N Female to HN Female Adapter
PE9555 PASTERNACK-PE9555 Datasheet
249Kb / 3P
7/16 DIN Male to 7/16 DIN Male Adapter
More results

Similar Description - PE9554

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9125 PASTERNACK-PE9125 Datasheet
253Kb / 3P
N Male to HN Female Adapter
PE9194 PASTERNACK-PE9194 Datasheet
253Kb / 3P
N Female to HN Male Adapter
PE9205 PASTERNACK-PE9205 Datasheet
252Kb / 3P
HN Male to HN Female Right Angle Adapter
PE9210 PASTERNACK-PE9210 Datasheet
251Kb / 3P
HN Male to HN Male Adapter
PE9254 PASTERNACK-PE9254 Datasheet
242Kb / 2P
SMA Male to HN Male Adapter
PE9563 PASTERNACK-PE9563 Datasheet
246Kb / 2P
TNC Male to HN Male Adapter
PE9567 PASTERNACK-PE9567 Datasheet
254Kb / 2P
HN Male to BNC Male Adapter
PE9576 PASTERNACK-PE9576 Datasheet
241Kb / 2P
HN Male to HN Female Adapter
PE9577 PASTERNACK-PE9577 Datasheet
257Kb / 3P
HN Male to HN Male Right Angle Adapter
PE9579 PASTERNACK-PE9579 Datasheet
254Kb / 2P
HN Male to C Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com