Electronic Components Datasheet Search
  English  ▼

X  

PE9557 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9557
Description  7/16 DIN Tee Adapter Female-Male-Female
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9557 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9557 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9557 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9557 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Tee Adapter Female-Male-Female
Configuration
Connector 1
7/16 DIN Female
Impedance 1
50 Ohms
Connector 2
7/16 DIN Male
Impedance 2
50 Ohms
Connector 3
7/16 DIN Female
Adapter Design
Standard
Body Style
Tee
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
2.74 [69.6]
Width/Dia., in [mm]
1.25 [31.75]
Height, in [mm]
2 [50.8]
.
Connector 1
Type
7/16 DIN Female
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
7/16 DIN Male
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
1 1/4
Torque, ft-lbs [Nm]
18.417 [24.97]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 3
Type
7/16 DIN Female
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
7/16 DIN Tee Adapter Female-Male-Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Tee Adapter Female-Male-Female PE9557
PE9557
PE9557 REV


Similar Part No. - PE9557

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9550 PASTERNACK-PE9550 Datasheet
242Kb / 2P
N Male to TNC Female Right Angle Adapter
PE9551 PASTERNACK-PE9551 Datasheet
357Kb / 4P
Bulkhead SMA Female to N Male Adapter
PE9552 PASTERNACK-PE9552 Datasheet
248Kb / 2P
N Female to TNC Female 4 Hole Flange Adapter
PE9553 PASTERNACK-PE9553 Datasheet
247Kb / 2P
4 Hole Flange N Female to HN Female Adapter
PE9554 PASTERNACK-PE9554 Datasheet
243Kb / 2P
N Male to HN Male Adapter
More results

Similar Description - PE9557

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6257 POMONA-6257 Datasheet
68Kb / 1P
7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE9001 PASTERNACK-PE9001 Datasheet
246Kb / 3P
BNC Tee Adapter Female-Male-Female
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9178 PASTERNACK-PE9178 Datasheet
256Kb / 3P
N Male to 7/16 DIN Female Adapter
PE9409 PASTERNACK-PE9409 Datasheet
251Kb / 2P
7/16 DIN Female to 7/16 DIN Female Adapter
PE9414 PASTERNACK-PE9414 Datasheet
246Kb / 2P
7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter
PE9481 PASTERNACK-PE9481 Datasheet
242Kb / 2P
N Tee Adapter Male-Female-Female
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9556 PASTERNACK-PE9556 Datasheet
249Kb / 3P
7/16 DIN Tee Adapter Female-Female-Female
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com