Electronic Components Datasheet Search
  English  ▼

X  

PE9558 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9558
Description  7/16 DIN Male to HN Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9558 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9558 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9558 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Male to HN Female Adapter
Configuration
Connector 1
7/16 DIN Male
Connector 2
HN Female
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.725 [43.82]
Width/Dia., in [mm]
1.25 [31.75]
.
Dielectric Type
PTFE
Connector 1
Type
7/16 DIN Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, mm
32
Torque, in-lbs [Nm]
18 [24.41]
Body Material and Plating
Brass, Nickel
Connector 2
Type
HN Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/7-16-male-hn-female-straight-adapter-pe9558-p.aspx
7/16 DIN Male to HN Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
7/16 DIN Male to HN Female Adapter
PE9558
PE9558 REV


Similar Part No. - PE9558

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9550 PASTERNACK-PE9550 Datasheet
242Kb / 2P
N Male to TNC Female Right Angle Adapter
PE9551 PASTERNACK-PE9551 Datasheet
357Kb / 4P
Bulkhead SMA Female to N Male Adapter
PE9552 PASTERNACK-PE9552 Datasheet
248Kb / 2P
N Female to TNC Female 4 Hole Flange Adapter
PE9553 PASTERNACK-PE9553 Datasheet
247Kb / 2P
4 Hole Flange N Female to HN Female Adapter
PE9554 PASTERNACK-PE9554 Datasheet
243Kb / 2P
N Male to HN Male Adapter
More results

Similar Description - PE9558

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6257 POMONA-6257 Datasheet
68Kb / 1P
7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE9409 PASTERNACK-PE9409 Datasheet
251Kb / 2P
7/16 DIN Female to 7/16 DIN Female Adapter
PE9410 PASTERNACK-PE9410 Datasheet
255Kb / 3P
7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE9555 PASTERNACK-PE9555 Datasheet
249Kb / 3P
7/16 DIN Male to 7/16 DIN Male Adapter
PE9559 PASTERNACK-PE9559 Datasheet
232Kb / 2P
7/16 DIN Female to HN Male Adapter
PE9576 PASTERNACK-PE9576 Datasheet
241Kb / 2P
HN Male to HN Female Adapter
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE91117 PASTERNACK-PE91117 Datasheet
235Kb / 3P
7 - 16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
PE91228 PASTERNACK-PE91228 Datasheet
377Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 UnMated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com