Electronic Components Datasheet Search
  English  ▼

X  

PE9573 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9573
Description  SC Female to SC Female Bulkhead Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9573 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9573 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9573 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SC Female to SC Female Bulkhead Adapter
Configuration
Connector 1
SC Female
Impedance 1
50 Ohms
Connector 2
SC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Mechanical Specifications
Size
Length, in [mm]
1.8 [45.72]
Width/Dia., in [mm]
0.96 [24.38]
.
Connector 1
Type
SC Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SC Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sc-female-sc-female-straight-adapter-pe9573-p.aspx
SC Female to SC Female Bulkhead Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SC Female to SC Female Bulkhead Adapter
PE9573
PE9573 REV


Similar Part No. - PE9573

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9570 PASTERNACK-PE9570 Datasheet
253Kb / 2P
N Male to SC Male Adapter
PE9571 PASTERNACK-PE9571 Datasheet
74Kb / 1P
SC FEMALE TO BNC FEMALE
PE9572 PASTERNACK-PE9572 Datasheet
253Kb / 2P
SC Male to SC Female Adapter
PE9574 PASTERNACK-PE9574 Datasheet
242Kb / 2P
HN Tee Adapter Female-Female-Female
PE9575 PASTERNACK-PE9575 Datasheet
248Kb / 3P
HN Tee Adapter Female-Male-Female
More results

Similar Description - PE9573

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9196 PASTERNACK-PE9196 Datasheet
238Kb / 2P
N Male to SC Female Adapter
PE9200 PASTERNACK-PE9200 Datasheet
241Kb / 2P
SC Male to BNC Female Adapter
PE9277 PASTERNACK-PE9277 Datasheet
233Kb / 2P
N Female to SC Male Adapter
PE9292 PASTERNACK-PE9292 Datasheet
232Kb / 2P
N Female to SC Female Adapter
PE9328 PASTERNACK-PE9328 Datasheet
118Kb / 1P
7mm TO SC FEMALE, PRECISION ADAPTER
PE9404 PASTERNACK-PE9404 Datasheet
239Kb / 2P
SC Female to SC Female Adapter
PE9405 PASTERNACK-PE9405 Datasheet
243Kb / 3P
SC Male to SC Female Right Angle Adapter
PE9571 PASTERNACK-PE9571 Datasheet
74Kb / 1P
SC FEMALE TO BNC FEMALE
PE9572 PASTERNACK-PE9572 Datasheet
253Kb / 2P
SC Male to SC Female Adapter
PE9292 PASTERNACK-PE9292 Datasheet
232Kb / 2P
N Female to SC Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com