Electronic Components Datasheet Search
  English  ▼

X  

PE9574 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9574
Description  HN Tee Adapter Female-Female-Female
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9574 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9574 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9574 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
HN Tee Adapter Female-Female-Female
Configuration
Connector 1
HN Female
Impedance 1
50 Ohms
Connector 2
HN Female
Impedance 2
50 Ohms
Connector 3
HN Female
Adapter Design
Standard
Body Style
Tee
Mechanical Specifications
Size
Length, in [mm]
1.935 [49.15]
Width/Dia., in [mm]
0.75 [19.05]
Height, in [mm]
1.35 [34.29]
.
Connector 1
Type
HN Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
HN Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 3
Type
HN Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/hn-female-female-female-tee-adapter-pe9574-p.aspx
HN Tee Adapter Female-Female-Female from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
HN Tee Adapter Female-Female-Female
PE9574
PE9574 REV


Similar Part No. - PE9574

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9570 PASTERNACK-PE9570 Datasheet
253Kb / 2P
N Male to SC Male Adapter
PE9571 PASTERNACK-PE9571 Datasheet
74Kb / 1P
SC FEMALE TO BNC FEMALE
PE9572 PASTERNACK-PE9572 Datasheet
253Kb / 2P
SC Male to SC Female Adapter
PE9573 PASTERNACK-PE9573 Datasheet
244Kb / 2P
SC Female to SC Female Bulkhead Adapter
PE9575 PASTERNACK-PE9575 Datasheet
248Kb / 3P
HN Tee Adapter Female-Male-Female
More results

Similar Description - PE9574

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9003 PASTERNACK-PE9003 Datasheet
244Kb / 3P
BNC Tee Adapter Female-Female-Female
PE9101 PASTERNACK-PE9101 Datasheet
254Kb / 3P
N Tee Adapter Female-Female-Female
PE9246 PASTERNACK-PE9246 Datasheet
249Kb / 3P
SMA Tee Adapter Female-Female-Female
PE9289 PASTERNACK-PE9289 Datasheet
237Kb / 2P
TNC Tee Adapter Female-Female-Female
PE9294 PASTERNACK-PE9294 Datasheet
244Kb / 3P
C Tee Adapter Female-Female-Female
PE9575 PASTERNACK-PE9575 Datasheet
248Kb / 3P
HN Tee Adapter Female-Male-Female
PE9578 PASTERNACK-PE9578 Datasheet
251Kb / 3P
HN Tee Adapter Male-Female-Male
PE9580 PASTERNACK-PE9580 Datasheet
233Kb / 2P
HN Female to HN Female Adapter
PE9289 PASTERNACK-PE9289 Datasheet
237Kb / 2P
TNC Tee Adapter Female-Female-Female
PE91381 PASTERNACK-PE91381 Datasheet
347Kb / 3P
TNC Tee Adapter Female-Female-Female
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com