Electronic Components Datasheet Search
  English  ▼

X  

PE9576 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9576
Description  HN Male to HN Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9576 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9576 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9576 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
HN Male to HN Female Adapter
Configuration
Connector 1
HN Male
Impedance 1
50 Ohms
Connector 2
HN Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.857 [47.17]
Width/Dia., in [mm]
0.9 [22.86]
.
Connector 1
Type
HN Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
HN Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/hn-male-hn-female-straight-adapter-pe9576-p.aspx
HN Male to HN Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
HN Male to HN Female Adapter
PE9576
PE9576 REV


Similar Part No. - PE9576

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9570 PASTERNACK-PE9570 Datasheet
253Kb / 2P
N Male to SC Male Adapter
PE9571 PASTERNACK-PE9571 Datasheet
74Kb / 1P
SC FEMALE TO BNC FEMALE
PE9572 PASTERNACK-PE9572 Datasheet
253Kb / 2P
SC Male to SC Female Adapter
PE9573 PASTERNACK-PE9573 Datasheet
244Kb / 2P
SC Female to SC Female Bulkhead Adapter
PE9574 PASTERNACK-PE9574 Datasheet
242Kb / 2P
HN Tee Adapter Female-Female-Female
More results

Similar Description - PE9576

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9125 PASTERNACK-PE9125 Datasheet
253Kb / 3P
N Male to HN Female Adapter
PE9126 PASTERNACK-PE9126 Datasheet
253Kb / 3P
HN Male to BNC Female Adapter
PE9194 PASTERNACK-PE9194 Datasheet
253Kb / 3P
N Female to HN Male Adapter
PE9205 PASTERNACK-PE9205 Datasheet
252Kb / 3P
HN Male to HN Female Right Angle Adapter
PE9210 PASTERNACK-PE9210 Datasheet
251Kb / 3P
HN Male to HN Male Adapter
PE9256 PASTERNACK-PE9256 Datasheet
242Kb / 2P
SMA Male to HN Female Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
LC Female to HN Male Adapter
PE9580 PASTERNACK-PE9580 Datasheet
233Kb / 2P
HN Female to HN Female Adapter
PE9193 PASTERNACK-PE9193 Datasheet
249Kb / 3P
Bulkhead HN Female to HN Female Adapter
PE9256 PASTERNACK-PE9256 Datasheet
242Kb / 2P
SMA Male to HN Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com