Electronic Components Datasheet Search
  English  ▼

X  

PE9579 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9579
Description  HN Male to C Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9579 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9579 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9579 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
HN Male to C Male Adapter
Configuration
Connector 1
HN Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
C Male
Impedance 2
50 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.837 [46.66]
Width/Dia., in [mm]
0.9 [22.86]
.
Connector 1
Type
HN Male
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
C Male
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/hn-male-c-male-straight-adapter-pe9579-p.aspx
HN Male to C Male Adapter from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
HN Male to C Male Adapter
PE9579
PE9579 REV


Similar Part No. - PE9579

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9570 PASTERNACK-PE9570 Datasheet
253Kb / 2P
N Male to SC Male Adapter
PE9571 PASTERNACK-PE9571 Datasheet
74Kb / 1P
SC FEMALE TO BNC FEMALE
PE9572 PASTERNACK-PE9572 Datasheet
253Kb / 2P
SC Male to SC Female Adapter
PE9573 PASTERNACK-PE9573 Datasheet
244Kb / 2P
SC Female to SC Female Bulkhead Adapter
PE9574 PASTERNACK-PE9574 Datasheet
242Kb / 2P
HN Tee Adapter Female-Female-Female
More results

Similar Description - PE9579

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9205 PASTERNACK-PE9205 Datasheet
252Kb / 3P
HN Male to HN Female Right Angle Adapter
PE9210 PASTERNACK-PE9210 Datasheet
251Kb / 3P
HN Male to HN Male Adapter
PE9212 PASTERNACK-PE9212 Datasheet
235Kb / 2P
HN Female to C Male Adapter
PE9254 PASTERNACK-PE9254 Datasheet
242Kb / 2P
SMA Male to HN Male Adapter
PE9296 PASTERNACK-PE9296 Datasheet
235Kb / 2P
HN Male to C Female Adapter
PE9554 PASTERNACK-PE9554 Datasheet
243Kb / 2P
N Male to HN Male Adapter
PE9563 PASTERNACK-PE9563 Datasheet
246Kb / 2P
TNC Male to HN Male Adapter
PE9567 PASTERNACK-PE9567 Datasheet
254Kb / 2P
HN Male to BNC Male Adapter
PE9576 PASTERNACK-PE9576 Datasheet
241Kb / 2P
HN Male to HN Female Adapter
PE9577 PASTERNACK-PE9577 Datasheet
257Kb / 3P
HN Male to HN Male Right Angle Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com