Electronic Components Datasheet Search
  English  ▼

X  

PE9585 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9585
Description  75 Ohm N Female to SMB Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9585 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9585 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9585 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm N Female to SMB Plug Adapter
Configuration
Connector 1
N Female
Impedance 1
75 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
SMB Plug
Impedance 2
75 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.378 [35]
Width/Dia., in [mm]
0.625 [15.88]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
SMB Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-smb-plug-straight-adapter-pe9585-p.aspx
75 Ohm N Female to SMB Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
75 Ohm N Female to SMB Plug Adapter
PE9585
PE9585 REV


Similar Part No. - PE9585

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9580 PASTERNACK-PE9580 Datasheet
233Kb / 2P
HN Female to HN Female Adapter
PE9581 PASTERNACK-PE9581 Datasheet
78Kb / 1P
REVERSE POLARITY MCX PLUG TO STANDARD SMA MALE
PE9582 PASTERNACK-PE9582 Datasheet
252Kb / 2P
75 Ohm N Male to SMB Jack Adapter
PE9583 PASTERNACK-PE9583 Datasheet
251Kb / 2P
75 Ohm N Female to SMB Jack Adapter
PE9584 PASTERNACK-PE9584 Datasheet
251Kb / 2P
75 Ohm N Male to SMB Plug Adapter
More results

Similar Description - PE9585

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9271 PASTERNACK-PE9271 Datasheet
245Kb / 2P
75 Ohm SMB Plug to SMB Plug Adapter
PE9583 PASTERNACK-PE9583 Datasheet
251Kb / 2P
75 Ohm N Female to SMB Jack Adapter
PE9584 PASTERNACK-PE9584 Datasheet
251Kb / 2P
75 Ohm N Male to SMB Plug Adapter
PE9589 PASTERNACK-PE9589 Datasheet
252Kb / 2P
75 Ohm N Female to SMC Plug Adapter
PE9612 PASTERNACK-PE9612 Datasheet
253Kb / 2P
75 Ohm N Male to Mini SMB Plug Adapter
PE9613 PASTERNACK-PE9613 Datasheet
238Kb / 2P
75 Ohm N Female to Mini SMB Plug Adapter
PE9615 PASTERNACK-PE9615 Datasheet
254Kb / 2P
75 Ohm N Female to Mini SMB Jack Adapter
PE9617 PASTERNACK-PE9617 Datasheet
251Kb / 2P
75 Ohm Mini SMB Plug to BNC Female Adapter
PE9271 PASTERNACK-PE9271 Datasheet
240Kb / 2P
75 Ohm SMB Plug to SMB Plug Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com