Electronic Components Datasheet Search
  English  ▼

X  

PE9588 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9588
Description  75 OHM SMC PLUG TO 75 OHM N MALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9588 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9588 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE9588

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9580 PASTERNACK-PE9580 Datasheet
233Kb / 2P
HN Female to HN Female Adapter
PE9581 PASTERNACK-PE9581 Datasheet
78Kb / 1P
REVERSE POLARITY MCX PLUG TO STANDARD SMA MALE
PE9582 PASTERNACK-PE9582 Datasheet
252Kb / 2P
75 Ohm N Male to SMB Jack Adapter
PE9583 PASTERNACK-PE9583 Datasheet
251Kb / 2P
75 Ohm N Female to SMB Jack Adapter
PE9584 PASTERNACK-PE9584 Datasheet
251Kb / 2P
75 Ohm N Male to SMB Plug Adapter
More results

Similar Description - PE9588

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE9272 PASTERNACK-PE9272 Datasheet
78Kb / 1P
75 OHM SMC PLUG TO 75 OHM SMC PLUG
PE9586 PASTERNACK-PE9586 Datasheet
252Kb / 2P
75 Ohm N Male to SMC Jack Adapter
PE3362 PASTERNACK-PE3362 Datasheet
275Kb / 1P
CABLE ASSEMBLY RG59B/U BLACK 75 OHM SMC PLUG TO 75 OHM SMC PLUG
PE33646LF PASTERNACK-PE33646LF Datasheet
108Kb / 1P
CABLE ASSEMBLY PE-B150 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE3388LF PASTERNACK-PE3388LF Datasheet
110Kb / 1P
CABLE ASSEMBLY PE-B150 75 OHM SMC PLUG TO 75 OHM SMC PLUG
PE33586LF PASTERNACK-PE33586LF Datasheet
283Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE33646 PASTERNACK-PE33646 Datasheet
111Kb / 1P
CABLE ASSEMBLY PE-B150 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE9272 PASTERNACK-PE9272 Datasheet
233Kb / 3P
75 Ohm SMC Plug to SMC Plug Adapter
PE3C3394 PASTERNACK-PE3C3394 Datasheet
366Kb / 4P
50 Ohm BNC Male to 75 Ohm SMC Plug Cable Using 75 Ohm RG179 Coax
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com