Electronic Components Datasheet Search
  English  ▼

X  

PE9593 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9593
Description  Reverse Polarity SMA Female to Reverse Polarity SMA Female Bulkhead Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9593 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9593 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9593 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9593 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Reverse Polarity SMA Female to Reverse Polarity SMA Female Bulkhead Adapter
Configuration
Connector 1
SMA Female Reverse Polarity
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
SMA Female Reverse Polarity
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.875 [22.23]
Width/Dia., in [mm]
0.375 [9.53]
.
Connector 1
Type
SMA Female Reverse Polarity
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Connector 2
Type
SMA Female Reverse Polarity
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Reverse Polarity SMA Female to Reverse Polarity
SMA Female Bulkhead Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Reverse Polarity SMA Female to Reverse Polarity SMA Female Bulkhead Adapter PE9593
PE9593
PE9593 REV


Similar Part No. - PE9593

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9590 PASTERNACK-PE9590 Datasheet
255Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Male Adapter
PE9591 PASTERNACK-PE9591 Datasheet
79Kb / 1P
REVERSE POLARITY SMA MALE TO RESERVE POLRARITY SMA FEMALE
PE9592 PASTERNACK-PE9592 Datasheet
254Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE9594 PASTERNACK-PE9594 Datasheet
80Kb / 1P
REVERSE POLARITY SMA MALE TO REVERSE POLARITY SMA FEMALE RIGHT ANGLE
PE9595 PASTERNACK-PE9595 Datasheet
359Kb / 4P
N Male to N Female Bulkhead Adapter
More results

Similar Description - PE9593

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9592 PASTERNACK-PE9592 Datasheet
254Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE9604 PASTERNACK-PE9604 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to Reverse Polarity TNC Female Adapter
PE91260 PASTERNACK-PE91260 Datasheet
346Kb / 3P
SMA Female to Reverse Polarity SMA Female Adapter
PE91262 PASTERNACK-PE91262 Datasheet
346Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE91268 PASTERNACK-PE91268 Datasheet
348Kb / 3P
QD Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE91269 PASTERNACK-PE91269 Datasheet
349Kb / 3P
4 Hole Flange Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE91270 PASTERNACK-PE91270 Datasheet
347Kb / 3P
2 Hole Flange Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE91331 PASTERNACK-PE91331 Datasheet
600Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE91334 PASTERNACK-PE91334 Datasheet
607Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE9606 PASTERNACK-PE9606 Datasheet
376Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity TNC Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com