Electronic Components Datasheet Search
  English  ▼

X  

PE319-72 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE319-72
Description  2.92mm Male to 2.92mm Male Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE319-72 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE319-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE319-72 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE319-72 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE319-72 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Cable Assembly
Cable Type
VNA Cable
Temperature
Temperature Operating Range, deg C
-55 to +165
Size
Length, in [cm]
72 [182.88]
Diameter, in [mm]
0.362 [9.19]
.
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
No of Shields
2
Dielectric Type
PTFE
Jacket Material
FEP
Connector 1
Type
2.92mm Male
Configuration
Straight
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PPO
Connector 2
Type
2.92mm Male
Configuration
Straight
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE319-72 REV
PE319-72
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Male Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
PE319-72
2.92mm Male to 2.92mm Male Test Cable 72 Inch
Length Using VNA Cable Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com