Electronic Components Datasheet Search
  English  ▼

X  

PE321-24 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE321-24
Description   2.92mm Male to 2.92mm Female Test Cable 24 Inch Length Using VNA Cable Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE321-24 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE321-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE321-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE321-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE321-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Temperature
Temperature Operating Range, deg C
-55 to +165
Size
Length, in [mm]
24 [609.6]
Diameter, in [mm]
0.362 [9.19]
.
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
No of Shields
2
Dielectric Type
PTFE
Jacket Material
FEP
Connector 1
Type
2.92mm Male
Configuration
Straight
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PPO
Connector 2
Type
2.92mm Female
Configuration
Straight
Inner Conductor Material and Plating
Gold
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE321-24 REV
PE321-24
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Female Test Cable 24 Inch Length Using VNA Cable Coax, RoHS
PE321-24
2.92mm Male to 2.92mm Female Test Cable 24 Inch
Length Using VNA Cable Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com