Electronic Components Datasheet Search
  English  ▼

X  

PE9600 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9600
Description  SMA Male to Reverse Polarity TNC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9600 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9600 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9600 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male to Reverse Polarity TNC Female Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
TNC Female Reverse Polarity
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.157 [29.39]
Width/Dia., in [mm]
0.5 [12.7]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
TNC Female Reverse Polarity
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-tnc-female-straight-adapter-pe9600-p.aspx
SMA Male to Reverse Polarity TNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
SMA Male to Reverse Polarity TNC Female Adapter
PE9600
PE9600 REV


Similar Part No. - PE9600

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
logo
Pasternack Enterprises,...
PE9601 PASTERNACK-PE9601 Datasheet
259Kb / 3P
SMA Male to Reverse Polarity TNC Male Adapter
logo
Peregrine Semiconductor
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9601EK PEREGRINE-PE9601EK Datasheet
258Kb / 14P
2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
logo
Pasternack Enterprises,...
PE9602 PASTERNACK-PE9602 Datasheet
248Kb / 2P
SMA Female to Reverse Polarity TNC Male Adapter
More results

Similar Description - PE9600

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9596 PASTERNACK-PE9596 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to TNC Female Adapter
PE9598 PASTERNACK-PE9598 Datasheet
254Kb / 2P
Reverse Polarity SMA Female to TNC Male Adapter
PE9599 PASTERNACK-PE9599 Datasheet
253Kb / 2P
Reverse Polarity SMA Female to TNC Female Adapter
PE9601 PASTERNACK-PE9601 Datasheet
259Kb / 3P
SMA Male to Reverse Polarity TNC Male Adapter
PE9602 PASTERNACK-PE9602 Datasheet
248Kb / 2P
SMA Female to Reverse Polarity TNC Male Adapter
PE9604 PASTERNACK-PE9604 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to Reverse Polarity TNC Female Adapter
PE9605 PASTERNACK-PE9605 Datasheet
259Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity TNC Male Adapter
PE9607 PASTERNACK-PE9607 Datasheet
255Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity TNC Male Adapter
PE91331 PASTERNACK-PE91331 Datasheet
600Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE9606 PASTERNACK-PE9606 Datasheet
376Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity TNC Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com