Electronic Components Datasheet Search
  English  ▼

X  

DPX-S430 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # DPX-S430
Description  AMD짰 Embedded R-Series (Fusion) Gaming Platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DPX-S430 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  DPX-S430 Datasheet HTML 1Page - Advantech Co., Ltd. DPX-S430 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech-innocore.com
Innovations in Gaming Computing
DPX®-S430
OEM Customization and Product
Development
ƒ Advantech-Innocore is part or the Advantech Co., Ltd. Group of Companies.
ƒ Advantech-Innocore specializes in the fields of PC-based hardware design and
software development. Our in-depth knowledge and global resources make us your
ideal partner.
ƒ Specifications subject to change. E&OE.
ƒ Copyright © 2012 Advantech Co., Ltd.
ƒ All rights reserved. Advantech-Innocore, the Advantech-Innocore Logo, DPX,
ConnectBus are trademarks of Advantech Co., Ltd. in the UK, US and other
countries.
ƒ All other trademarks are acknowledged and respected.
Discrete I/O
32 ESD protected inputs
32 OC Outputs (500mA, 50V)
(of which 6 I/O ports can be configured as meter
outputs with disconnect detect)
Sound
HD Audio
On board 13W + 13W + 13W Class D audio
amps with FL, FR, LF speaker connections
Security ROM
1 x Socket for 1MB EPROM/OTPROM PLCC32 (PCI,
Bootable)
SRAM
4096kB fast SRAM (2 banks) on PCI bus
Battery state software readable
TPM
TCPA/TPM 1.2 compliant security device on board.
Watchdog Timer
Programmable time-out of 1-255 seconds
"Always on" design (default 255 seconds)
EEPROM
32kB user EEPROM (option for larger)
Intrusion Detection
Six Intrusion detection input lines
Operates with and without system active
Logs date/time of last 254 events
Logs system resets/brownouts as events
EEPROM backup for 10 years retention
System Health
Monitoring
Measurement of CPU core temp. With thermal trip.
PWM fan for APU.
Power Fail Detect
External sensor input for advanced warning of AC
power fail
Expansion
1) Up to 240 Bytes of PCI-based I/O expansion
available through DirectPCI + interface on
board header.
2) PCI-Express x16 graphics card
Power
ATX or AT mode
Environment
Operating Temperature: 0 ~ 50° C TBC
Storage Temperature: -20 ~ 85° C
Approvals
EMC: CE, FCC Class A
RoHS, WEEE
Dimensions
170 x 200 mm (6.7 x 7.9")
Optional Hardware
Full system chassis
Range of PCI-Express graphics cards
I/O connector breakout board
Edge card connector set
Compact Flash cards, SATA DOM, SSD storage devices
iButtons®, iButton carrier
Benefits
Best in class integrated and expandable graphics
Single integrated solution
Designed for the Gaming Industry
Backwards compatible with DPX®-S series boards
Small size
Low power
Long lifecycle
Front I/O
Rear I/O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com