Electronic Components Datasheet Search
  English  ▼

X  

LTC4215 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4215
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4215 Datasheet HTML 10Page - Linear Technology LTC4215 Datasheet HTML 11Page - Linear Technology LTC4215 Datasheet HTML 12Page - Linear Technology LTC4215 Datasheet HTML 13Page - Linear Technology LTC4215 Datasheet HTML 14Page - Linear Technology LTC4215 Datasheet HTML 15Page - Linear Technology LTC4215 Datasheet HTML 16Page - Linear Technology LTC4215 Datasheet HTML 17Page - Linear Technology LTC4215 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC2945
14
2945f
APPLICATIONS INFORMATION
Storing Minimum and Maximum Values
The LTC2945 compares each measurement including the
calculated power with the stored values in the respective
MIN and MAX registers for each parameter (Table 2). If
the new conversion is beyond the stored minimum or
maximum values, the MIN or MAX registers are updated
with the new values. The MIN and MAX of the registers are
refreshed at the end of their respective ADC conversions
in both continuous scan mode and snapshot mode. They
are also refreshed if the ADC registers are written via the
I2C bus with values beyond the stored values. To initiate
a new peak hold cycle, write all 1’s to the MIN registers
and all 0’s to the MAX registers via the I2C bus. These
registers will be updated when the next respective ADC
conversion is done.
The LTC2945 also includes MIN and MAX THRESHOLD
registers (Table 2) for the measured parameters including
the calculated power. At power-up, the maximum thresh-
olds are set to all 1’s and minimum thresholds are set to
all 0’s, effectively disabling them. The thresholds can be
reprogrammed to any desired value via the I2C bus.
Fault Alert and Resetting Faults
As soon as a measured quantity falls below the minimum
threshold or exceeds the maximum threshold, the LTC2945
sets the corresponding flag in the STATUS register and
latches it into the FAULT register (see Figure 4). The ALERT
pin is pulled low if the appropriate bit in the ALERT register
is set. More details on the alert behavior can be found in
the Alert Response Protocol section.
An active fault indication can be reset by writing zeros
to the corresponding FAULT register bits or by reading
the FAULT CoR register (Table 2), which clears all FAULT
register bits. All FAULT register bits are also cleared if the
VDD and INTVCC fall below their respective I2C logic reset
threshold. Note that faults that are still present, as indi-
cated in the STATUS registers, will immediately reappear.
I2C Interface
The LTC2945 includes an I2C/SMBus-compatible inter-
face to provide access to the onboard registers. Figure 5
shows a general data transfer format using the I2C bus.
The LTC2945 is a read-write slave device and supports
the SMBus Read Byte, Write Byte, Read Word and Write
Word protocols. The LTC2945 also supports extended
Read and Write commands that allow reading or writing
more than two bytes of data. When using the Read/Write
Word or extended Read and Write commands, the bus
master issues an initial register address and the internal
register address pointer automatically increments by 1
after each byte of data is read or written. After the register
address reaches 31h, it will roll over to 00h and continue
incrementing. A Stop condition resets the register address
pointer to 00h. The data formats for the above commands
are shown in Figures 6 to 11.
I2C Device Addressing
Nine distinct I2C bus addresses are configurable using the
three-state pins ADR0 and ADR1, as shown in Table 1.
ADR0 and ADR1 should be tied to INTVCC, to GND, or left
floating (NC) to configure the lower four address bits.
During low power shutdown, the address select state
is latched into memory powered from standby supply.
Address bits a6, a5 and a4 are permanently set to (110)
and the least significant bit is the R/W bit. In addition, all
LTC2945 devices will respond to a common Mass Write
address (1100 110)b; this allows the bus master to write
to several LTC2945s simultaneously, regardless of their
individual address settings. The LTC2945 will also respond
to the standard ARA address (0001100)b if the Alert pin
is asserted; see the Alert Response Protocol section for
more details. The LTC2945 will not respond to the ARA
address if no alerts are pending.
Start and Stop Conditions
When the I2C bus is idle, both SCL and SDA are in the high
state. A bus master signals the beginning of a transmission
with a Start condition by transitioning SDA from high to
low while SCL stays high. When the master has finished
communicating with the slave, it issues a Stop condition
by transitioning SDA from low to high while SCL stays
high. The bus is then free for another transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com