Electronic Components Datasheet Search
  English  ▼

X  

LTC3330 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3330
Description  Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3330 Datasheet(HTML) 3 Page - Linear Technology

  LTC3330 Datasheet HTML 1Page - Linear Technology LTC3330 Datasheet HTML 2Page - Linear Technology LTC3330 Datasheet HTML 3Page - Linear Technology LTC3330 Datasheet HTML 4Page - Linear Technology LTC3330 Datasheet HTML 5Page - Linear Technology LTC3330 Datasheet HTML 6Page - Linear Technology LTC3330 Datasheet HTML 7Page - Linear Technology LTC3330 Datasheet HTML 8Page - Linear Technology LTC3330 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3330
3
3330p
For more information www.linear.com/LTC3330
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Buck Input Voltage Range
l
3.0
18
V
VBAT
Buck-Boost Input Voltage Range
l
1.8
5.5
V
IVIN
VIN Quiescent Current
VIN Input in UVLO
Buck Enabled, Sleeping
Buck Enabled, Sleeping
Buck Enabled, Not Sleeping
VIN = 2.5V, BAT = 0V
VIN = 4V, BAT = 0V
VIN = 18V, BAT = 0V
VIN = 5V, BAT = 0V, ISW1 = 0A (Note 4)
450
1150
1650
150
700
1800
2500
250
nA
nA
nA
µA
IBAT
BAT Quiescent Current
BAT Input with VIN Active
Buck-Boost Enabled, Sleeping
Buck-Boost Enabled, Not Sleeping
BAT = 1.8V, VIN = 5V
BAT = 5V, VIN = 0V
BAT = 5V, VIN = 0V, ISWA = ISWB = 0A
(Note 4)
900
200
10
1500
330
nA
nA
µA
VLDO_IN
LDO_IN Input Range
l
1.8V
5.5V
ILDO_IN
LDO_IN Quiescent Current
LDO_IN = 5.0V, ILDO_OUT = 0A
400
600
nA
ILDO_OUT
LDO_OUT Leakage Current
LDO_IN = 5.0V, LDO_OUT = 5.0V
125
nA
LDO_OUT
Regulated LDO Output Voltage
Error as a Percentage of Target
l
–2.0
2.0
%
LDO Line Regulation (1.8V to 5.5V)
LDO_OUT = 1.2V, 10mA Load
2
mV/V
LDO Load Regulation (10µA to 10mA)
LDO_IN = 5.0V, LDO_OUT = 3.3V
2
mV/mA
LDO Dropout Voltage
LDO_OUT = 3.3V, 10mA LOAD
90
mV
LDO Current Limit
LDO_IN = 5.0V
50
mA
IVOUT
VOUT Leakage Current
VOUT = 5.0V
125
nA
ISCAP
Supercapacitor Balancer Quiescent Current
SCAP = 5.0V
165
250
nA
ISOURCE
Supercapacitor Balancer Source Current
SCAP = 5.0V, BAL = 2.4V
10
mA
ISINK
Supercapacitor Balancer Sink Current
SCAP = 5.0V, BAL = 2.6V
10
mA
VBAL
Supercapacitor Balance Point
Percentage of SCAP Voltage
l
49
50
51
%
VINUVLO
VIN Undervoltage Lockout Thresholds
(Rising or Falling)
3V Level
l
2.85
3.00
3.15
V
4V Level
l
3.80
4.00
4.20
V
5V Level
l
4.75
5.00
5.25
V
6V Level
l
5.70
6.00
6.30
V
7V Level
l
6.65
7.00
7.35
V
8V Level
l
7.60
8.00
8.40
V
9V Level
l
8.55
9.00
9.45
V
10V Level
l
9.50
10.0
10.5
V
11V Level
l
10.4
11.0
11.6
V
12V Level
l
11.4
12.0
12.6
V
13V Level
l
12.3
13.0
13.7
V
14V Level
l
13.3
14.0
14.7
V
15V Level
l
14.2
15.0
15.8
V
16V Level
l
15.2
16.0
16.8
V
17V Level
l
16.1
17.0
17.9
V
18V Level
l
17.1
18.0
18.9
V
VSHUNT
VIN Shunt Regulator Voltage
IVIN = 1mA
19.0
20.0
21.0
V
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 5V, BAT = 3.6V, SCAP = OV, LDO_IN = 0V unless
otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com