Electronic Components Datasheet Search
  English  ▼

X  

LTC1540 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1540
Description  Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1540 Datasheet(HTML) 1 Page - Linear Technology

  LTC1540 Datasheet HTML 1Page - Linear Technology LTC1540 Datasheet HTML 2Page - Linear Technology LTC1540 Datasheet HTML 3Page - Linear Technology LTC1540 Datasheet HTML 4Page - Linear Technology LTC1540 Datasheet HTML 5Page - Linear Technology LTC1540 Datasheet HTML 6Page - Linear Technology LTC1540 Datasheet HTML 7Page - Linear Technology LTC1540 Datasheet HTML 8Page - Linear Technology LTC1540 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3330
1
3330p
For more information www.linear.com/LTC3330
Typical applicaTion
FeaTures
DescripTion
Energy Harvesting DC/DC
with Battery Backup
The LTC®3330 integrates a high voltage energy harvesting
powersupplyplusaDC/DCconverterpoweredbyaprimary
cell battery to create a single output supply for alternative
energy applications. The energy harvesting power supply,
consisting of an integrated full-wave bridge rectifier and a
high voltage buck converter, harvests energy from piezo-
electric, solar, or magnetic sources. The primary cell input
powers a buck-boost converter capable of operation down
to 1.8V at its input. Either DC/DC converter can deliver en-
ergy to a single output. The buck operates when harvested
energy is available, reducing the quiescent current draw
on the battery to essentially zero. The buck-boost takes
over when harvested energy goes away.
A low noise LDO post regulator and a supercapacitor
balancer are also integrated, accommodating a wide range
of output storage configurations.
Voltage and current settings for both inputs and outputs
are programmable via pin-strapped logic inputs.
TheLTC3330isavailableina5mm×5mmQFN-32package.
applicaTions
n
Dual Input, Single Output DC/DC’s with Input
Prioritizer
Energy Harvesting Input: 3.0V to 18V Buck DC/DC
Primary Cell Input: 1.8V to 5.5V Buck-Boost DC/DC
n
Zero Battery IQ When Powering Load from
Harvested Energy
n
Ultralow Quiescent Current: 900nA at No-Load
n
Low Noise LDO Post Regulator
n
Integrated Supercapacitor Balancer
n
Up to 50mA of Output Current
n
Programmable DC/DC and LDO Output Voltages,
Buck UVLO, and Buck-Boost Peak Input Current
n
Integrated Low Loss Full-Wave Bridge Rectifier
n
Input Protective Shunt–Up to 25mA at VIN ≥ 20V
n
5mm × 5mm QFN-32 Package
n
Energy Harvesting
n
Solar Powered Systems with Primary Cell Backup
n
Wireless HVAC Sensors and Security Devices
n
Mobile Asset Tracking
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
PIEZO
MIDE
V25W
1µF
6V
4.7µF, 6V
GND
LTC3330
3330 TA01a
AC1
VIN
CAP
VIN2
BAT
OUT[2:0]
LDO[2:0]
IPK[2:0]
UV[3:0]
AC2
SW
SWA
22µH
22µH
SWB
VOUT
LDO_IN
SCAP
BAL
LDO_EN
EH_ON
PGVOUT
PGLDO
LDO_OUT
VIN3
3V TO 18V
4V TO 18V
SOLAR
PANEL
1µF
6V
PRIMARY
CELL
1.8V TO 5.5V
10µF
25V
3
3
3
4
+
1µF
6V
2.2µF
6V
1.2V TO 3.6V
50mA
1.2V TO 5V
50mA
10mF
2.5V
10mF
2.5V
OPTIONAL
22µF
6V
+
–
Electrical Specifications Subject to Change


Similar Part No. - LTC1540

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
Nanopower Comparator with Reference
LTC1540 LINER-LTC1540 Datasheet
248Kb / 16P
Ultralow Power Single/Dual Comparator with Reference
LTC1540 LINER-LTC1540 Datasheet
405Kb / 18P
Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC1540 LINER-LTC1540 Datasheet
233Kb / 14P
Ultralow Power Quad
LTC1540 LINER-LTC1540 Datasheet
147Kb / 12P
Nanopower Comparator with Reference
More results

Similar Description - LTC1540

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8048 LINER-LTM8048_15 Datasheet
283Kb / 20P
3.1VIN to 32VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTC3330 LINER-LTC3330_15 Datasheet
503Kb / 32P
Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Life Extender
LTC3331 LINER-LTC3331_15 Datasheet
480Kb / 34P
Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
LTM8058 LINER-LTM8058_15 Datasheet
246Kb / 20P
3.1VIN to 31VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTC3331EUH LINER-LTC3331EUH Datasheet
1Mb / 16P
Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
Energy Harvesting Battery-Free Wireless Power
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
Buck DC/DC Converter Low Noise LDO
logo
Linear Technology
LTC3330EUH LINER-LTC3330EUH Datasheet
1Mb / 16P
Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Life Extender
LTC3331 LINER-LTC3331 Datasheet
569Kb / 34P
Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
LTM8068 LINER-LTM8068 Datasheet
889Kb / 20P
2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com