Electronic Components Datasheet Search
  English  ▼

X  

LTC3202 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3202
Description  Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3202 Datasheet(HTML) 1 Page - Linear Technology

  LTC3202 Datasheet HTML 1Page - Linear Technology LTC3202 Datasheet HTML 2Page - Linear Technology LTC3202 Datasheet HTML 3Page - Linear Technology LTC3202 Datasheet HTML 4Page - Linear Technology LTC3202 Datasheet HTML 5Page - Linear Technology LTC3202 Datasheet HTML 6Page - Linear Technology LTC3202 Datasheet HTML 7Page - Linear Technology LTC3202 Datasheet HTML 8Page - Linear Technology LTC3202 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3245
1
3245f
For more information www.linear.com/LTC3245
Typical applicaTion
FeaTures
DescripTion
Wide VIN Range,
Low Noise, 250mA Buck-Boost
Charge Pump
The LTC®3245 is a switched capacitor buck-boost DC/DC
converter that produces a regulated output (3.3V, 5V or
adjustable) from a 2.7V to 38V input. The device uses
switched capacitor fractional conversion to maintain
regulation over a wide range of input voltage. Internal
circuitry automatically selects the conversion ratio to
optimize efficiency as input voltage and load conditions
vary. No inductors are required.
The unique constant frequency architecture provides a
lower noise output than conventional charge pump regu-
lators. To optimize efficiency at the expense of slightly
higher output ripple, the device has pin selectable Burst
Mode operation.
Low operating current (20μA with no load, 4μA in shut-
down) and low external parts count (three small ceramic
capacitors)maketheLTC3245ideallysuitedforlowpower,
spaceconstrainedautomotive/industrialapplications.The
deviceisshort-circuitandovertemperatureprotected,and
is available in thermally enhanced 12-pin MSOP and low
profile 3mm × 4mm 12-pin DFN packages.
Efficient Regulated 5V Output
applicaTions
n
Automotive ECU/CAN Transceiver Supplies
n
Industrial Housekeeping Supplies
n
Low Power 12V to 5V Conversion
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
5VOUT Efficiency vs Output Current
n
2.7V to 38V VIN Range
n
IQ = 18µA Operating; 4μA in Shutdown
n
12V to 5V Efficiency = 81%
n
Multimode Operation (2:1, 1:1, 1:2) with Automatic
Mode Switching
n
Low Noise, Constant Frequency Operation
n
Pin Selectable Burst Mode® Operation
n
VOUT: Fixed 3.3V, 5V or Adjustable (2.5V to 5V)
n
IOUT Up to 250mA
n
Overtemperature and Short-Circuit Protection
n
Operating Junction Temperature: 150°C Maximum
n
Thermally Enhanced 12-Pin MSOP and Low Profile
12-Pin (3mm × 4mm) DFN Packages
IOUT (mA)
3245 TA01b
90
70
60
80
50
30
20
40
10
400
300
250
350
200
100
50
150
0
0.1
100
1000
10
1
EFFICIENCY
PLOSS
VIN = 12V
C+
C–
VIN
SEL2
BURST
SEL1
VOUT
OUTS/ADJ
PGOOD
GND
LTC3245
VIN = 2.7V TO 38V
VOUT = 5V
IOUT UP TO 250mA
3245 TA01a
1µF
1µF
10µF
500k


Similar Part No. - LTC3202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3202 LINER-LTC3202 Datasheet
252Kb / 12P
Low Noise, High Efficiency Charge Pump for White LEDs
LTC3202 LINER-LTC3202 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LTC3202 LINER-LTC3202 Datasheet
259Kb / 12P
Low Noise, High Efficiency Charge Pump for White LEDs
LTC3202EDD LINER-LTC3202EDD Datasheet
252Kb / 12P
Low Noise, High Efficiency Charge Pump for White LEDs
LTC3202EMS LINER-LTC3202EMS Datasheet
252Kb / 12P
Low Noise, High Efficiency Charge Pump for White LEDs
More results

Similar Description - LTC3202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3549 LINER-LTC3549_15 Datasheet
378Kb / 16P
250mA Low VIN Buck Regulator
LTC3255 LINER-LTC3255_15 Datasheet
258Kb / 16P
Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
LTC3245 LINER-LTC3245_15 Datasheet
542Kb / 18P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
Buck-Boost Charge Pump
logo
Linear Technology
LTC3245EMSE LINER-LTC3245EMSE Datasheet
1Mb / 6P
Wide VIN Range, Low Noise 250mA Buck-Boost Charge Pump
LTC3255EMSE LINER-LTC3255EMSE Datasheet
393Kb / 8P
Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3246 LINER-LTC3246 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
LTC3255 LINER-LTC3255 Datasheet
258Kb / 16P
Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
logo
Analog Devices
LTC3246 AD-LTC3246 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com