Electronic Components Datasheet Search
  English  ▼

X  

LTC3108 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3108
Description  Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3108 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3108 Datasheet HTML 9Page - Linear Technology LTC3108 Datasheet HTML 10Page - Linear Technology LTC3108 Datasheet HTML 11Page - Linear Technology LTC3108 Datasheet HTML 12Page - Linear Technology LTC3108 Datasheet HTML 13Page - Linear Technology LTC3108 Datasheet HTML 14Page - Linear Technology LTC3108 Datasheet HTML 15Page - Linear Technology LTC3108 Datasheet HTML 16Page - Linear Technology LTC3108 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3330
13
3330p
For more information www.linear.com/LTC3330
OVERVIEW
The LTC3330 combines a buck switching regulator and
a buck-boost switching regulator to produce an energy
harvestingsolutionwithbatterybackup.Theconvertersare
controlled by a prioritizer that selects which converter to
usebasedontheavailabilityofabatteryand/orharvestable
energy. If harvested energy is available the buck regula-
tor is active and the buck-boost is OFF. With an optional
LDO and supercapacitor balancer and an array of different
configurations the LTC3330 suits many applications.
BUCK CONVERTER
The synchronous buck converter is an ultralow quiescent
currentpowersupplytailoredtoenergyharvestingapplica-
tions. It is designed to interface directly to a piezoelectric
or alternative A/C power source, rectify the input voltage,
and store harvested energy on an external capacitor while
maintaining a regulated output voltage. It can also bleed
off any excess input power via an internal shunt regulator.
INTERNAL BRIDGE RECTIFIER
An internal full-wave bridge rectifier accessible via the
differential AC1 and AC2 inputs rectifies AC sources
such as those from a piezoelectric element. The rectified
output is stored on a capacitor at the VIN pin and can be
used as an energy reservoir for the buck converter. The
bridge rectifier has a total drop of about 800mV with
typical piezo-generated currents (~10μA), but is capable
of carrying up to 50mA. Either side of the bridge can be
operated independently as single-ended AC or DC inputs.
UNDERVOLTAGE LOCKOUT
When the voltage on VIN rises above the UVLO rising
threshold the buck converter is enabled and charge is
transferred from the input capacitor to the output capaci-
tor. When the input capacitor voltage is depleted below
the UVLO falling threshold the buck converter is disabled.
These thresholds can be set according to Table 4 which
offers UVLO rising thresholds from 4V to 18V with large
or small hysteresis windows (see Table 4). Extremely low
operaTion
Figure 1. Ideal VIN, VIN2 and CAP Relationship
quiescent current (450nA typical) in UVLO allows energy
to accumulate on the input capacitor in situations where
energy must be harvested from low power sources.
INTERNAL RAIL GENERATION
Two internal rails, CAP and VIN2, are generated from VIN
and are used to drive the high side PMOS and low side
NMOS of the buck converter, respectively. Additionally the
VIN2 rail serves as logic high for the UVLO threshold select
bits UV[3:0]. The VIN2 rail is regulated at 4.8V above GND
while the CAP rail is regulated at 4.8V below VIN. These are
not intended to be used as external rails. Bypass capaci-
tors are connected to the CAP and VIN2 pins to serve as
energy reservoirs for driving the buck switches. When VIN
is below 4.8V, VIN2 is equal to VIN and CAP is held at GND.
Figure 1 shows the ideal VIN, VIN2 and CAP relationship.
VIN (V)
0
18
12
14
16
10
2
4
8
6
0
10
5
3330 F01
15
VIN
VIN2
CAP
BUCK OPERATION
The buck regulator uses a hysteretic voltage algorithm
to control the output through internal feedback from the
VOUT sense pin. The buck converter charges an output
capacitor through an inductor to a value slightly higher
than the regulation point. It does this by ramping the
inductor current up to 260mA through an internal PMOS
switch and then ramping it down to 0mA through an
internal NMOS switch. This efficiently delivers energy to
the output capacitor. The ramp rate is determined by VIN,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com