Electronic Components Datasheet Search
  English  ▼

X  

LTC3109 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3109
Description  Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3109 Datasheet(HTML) 2 Page - Linear Technology

  LTC3109 Datasheet HTML 1Page - Linear Technology LTC3109 Datasheet HTML 2Page - Linear Technology LTC3109 Datasheet HTML 3Page - Linear Technology LTC3109 Datasheet HTML 4Page - Linear Technology LTC3109 Datasheet HTML 5Page - Linear Technology LTC3109 Datasheet HTML 6Page - Linear Technology LTC3109 Datasheet HTML 7Page - Linear Technology LTC3109 Datasheet HTML 8Page - Linear Technology LTC3109 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3330
2
3330p
For more information www.linear.com/LTC3330
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN
Low Impedance Source ..........................–0.3 to 18V*
Current-Fed, ISW = 0A........................................25mA
AC1, AC2.............................................................0 to VIN
BAT, VOUT, VIN3, LDO_IN, SCAP, PGVOUT, PGLDO,
EH_ON........................................................–0.3 to 6V
VIN2....................–0.3V to [Lesser of (VIN + 0.3V) or 6V]
CAP......................[Higher of –0.3V or (VIN – 6V)] to VIN
LDO_OUT, LDO[2:0], LDO_EN..–0.3V to LDO_IN + 0.3V
BAL ...............................................–0.3V to SCAP + 0.3V
OUT[2:0].......... –0.3V to [Lesser of (VIN3 + 0.3V) or 6V]
IPK[2:0] ........... –0.3V to [Lesser of (VIN3 + 0.3V) or 6V]
UV[3:0] ............ –0.3V to [Lesser of (VIN2 + 0.3V) or 6V]
IAC1, IAC2..............................................................±50mA
ISW, ISWA, ISWB, IVOUT..........................................350mA
ILDO_OUT.................................................................50mA
Operating Junction Temperature Range
(Notes 2, 3)............................................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
*VIN has an internal 20V clamp
(Note 1)
32
33
GND
31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
BAL
SCAP
VIN2
UV3
UV2
UV1
UV0
AC1
LDO0
LDO1
LDO2
LDO_IN
LDO_OUT
IPK2
IPK1
IPK0
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3330EUH#PBF
LTC3330EUH#TRPBF
3330
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
LTC3330IUH#PBF
LTC3330IUH#TRPBF
3330
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com