Electronic Components Datasheet Search
  English  ▼

X  

PE7069 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7069
Description  50 Ohm BNC Female To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7069 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7069 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7069 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7069 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm BNC Female To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
Configuration
Design
Fixed Matching Pad
Body Style
Straight
Connector 1
BNC Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
F Female
Impedance 2
75 Ohms
Electrical Specifications
Frequency Range, GHz
DC to 3
Maximum VSWR
1.25:1
Maximum Attenuation, dB
5.7
Attenuation Accuracy
± 0.5
Maximum Input Power, Watts
2
Peak Power, Watts
250
Directionality
Bidirectional
Mechanical Specifications
Size
Length, in [mm]
1.88 [47.75]
Width/Dia., in [mm]
0.5 [12.7]
.
Body Material and Plating
Passivated Stainless Steel
Connector 1
Type
BNC Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Connector 2
Type
F Female
Inner Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm BNC Female To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz
RoHS Compliant PE7069
PE7069
PE7069 REV
50 Ohm BNC Female To 75 Ohm F Female Matching
Pad Operating From DC to 3 GHz RoHS Compliant


Similar Part No. - PE7069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7061-10 PASTERNACK-PE7061-10 Datasheet
208Kb / 3P
10 dB DC Bias Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7061-20 PASTERNACK-PE7061-20 Datasheet
208Kb / 3P
20 dB DC Bias Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7061-6 PASTERNACK-PE7061-6 Datasheet
215Kb / 3P
6 dB DC Bias Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7062-10 PASTERNACK-PE7062-10 Datasheet
214Kb / 3P
10 dB DC Bias Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7062-20 PASTERNACK-PE7062-20 Datasheet
214Kb / 3P
20 dB DC Bias Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
More results

Similar Description - PE7069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7066 PASTERNACK-PE7066 Datasheet
217Kb / 3P
50 Ohm BNC Male To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7068 PASTERNACK-PE7068 Datasheet
214Kb / 3P
50 Ohm BNC Female To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7071 PASTERNACK-PE7071 Datasheet
249Kb / 3P
50 Ohm N Male To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7073 PASTERNACK-PE7073 Datasheet
216Kb / 3P
50 Ohm N Female To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7074 PASTERNACK-PE7074 Datasheet
215Kb / 3P
50 Ohm N Female To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7076 PASTERNACK-PE7076 Datasheet
217Kb / 3P
50 Ohm SMA Male To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7077 PASTERNACK-PE7077 Datasheet
245Kb / 3P
50 Ohm SMA Female To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7078 PASTERNACK-PE7078 Datasheet
215Kb / 3P
50 Ohm SMA Female To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7079 PASTERNACK-PE7079 Datasheet
276Kb / 3P
50 Ohm TNC Male To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7082 PASTERNACK-PE7082 Datasheet
277Kb / 3P
50 Ohm TNC Female To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com