Electronic Components Datasheet Search
  English  ▼

X  

LTC3441 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3441
Description  Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3441 Datasheet(HTML) 5 Page - Linear Technology

  LTC3441 Datasheet HTML 1Page - Linear Technology LTC3441 Datasheet HTML 2Page - Linear Technology LTC3441 Datasheet HTML 3Page - Linear Technology LTC3441 Datasheet HTML 4Page - Linear Technology LTC3441 Datasheet HTML 5Page - Linear Technology LTC3441 Datasheet HTML 6Page - Linear Technology LTC3441 Datasheet HTML 7Page - Linear Technology LTC3441 Datasheet HTML 8Page - Linear Technology LTC3441 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3245
5
3245f
For more information www.linear.com/LTC3245
Typical perForMance characTerisTics
5V Output Impedance
vs Temperature (Boost Mode)
3.3V Output Impedance
vs Temperature (Boost Mode)
Output Current vs Input Voltage
(VOUT 5% Below Regulation)
5V Fixed Output Voltage
vs Falling Input Voltage
(Burst Mode Operation)
3.3V Fixed Output Voltage
vs Falling Input Voltage
(Burst Mode Operation)
ADJ Regulation Voltage
vs Temperature
TA = 25°C, unless otherwise noted.
VIN (V)
2
4.900
4.925
4.950
4.975
5.000
5.050
5.025
5.075
5.100
3 4 5 6
8
7
9
3245 G10
10 11
14
12 13
15
IOUT = 250mA
IOUT = 1mA
–55°C
25°C
125°C
VIN (V)
2
3.200
3.225
3.250
3.275
3.300
3.350
3.325
3.375
3.400
3 4 5 6
8
7
9
3245 G11
10 11
14
12 13
15
IOUT = 250mA
IOUT = 1mA
–55°C
25°C
125°C
TEMPERATURE (°C)
–60
0
5
10
15
20
25
30
–30
0
30
60
3245 G13
90
120 150
VIN = 2.7V
VIN = 3.3V
LOW NOISE
Burst Mode OPERATION
TEMPERATURE (°C)
–60
0
5
10
15
30
25
20
35
40
–30
0
30
3245 G14
60
90
120 150
VIN = 2.7V
VIN = 3.3V
LOW NOISE
Burst Mode OPERATION
VIN (V)
2
0
100
200
300
700
600
500
400
800
3 4 5 6
3245 G15
7 8 9 10 11 12 13 14
5V Burst Mode
OPERATION
3.3V Burst Mode
OPERATION
3.3V LOW NOISE
5V LOW NOISE
TEMPERATURE (°C)
–60
1.180
1.185
1.190
1.195
1.200
1.210
1.205
1.215
1.220
–30
0
30
60
3245 G12
90
120 150
VOUT (V)
2.5
0
1
2
7
6
5
4
3
8
11
10
9
12
3
3245 G17
3.5
4
4.5
5
BUCK
LDO
FALLING
RISING
RISING
FALLING
BOOST
IOUT = 150mA
VOUT (V)
2.5
0
1
2
7
6
5
4
3
8
11
10
9
12
3
3245 G18
3.5
4
4.5
5
BUCK
LDO
FALLING
RISING
RISING
FALLING
BOOST
IOUT = 250mA
VOUT (V)
2.5
0
1
2
7
6
5
4
3
8
11
10
9
12
3
3245 G16
3.5
4
4.5
5
BUCK
IOUT = 1mA
LDO
FALLING
RISING
RISING
FALLING
BOOST
Operating Mode Transition
Voltage vs Input Voltage
Operating Mode Transition
Voltage vs Input Voltage
Operating Mode Transition
Voltage vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com