| Electronic Components Datasheet Search |
|
LTC3600 Datasheet(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3600 Datasheet(HTML) 2 Page - Linear Technology |
|
2 / 16 page ![]() LTC3621/LTC3621-2 2 3621f For more information www.linear.com/LTC3621 absoluTe MaxiMuM raTings VIN Voltage (Note 2)................................... 17V to –0.3V SW Voltage DC................................. VIN + 0.3V to –0.3V Transient (Note 2)...................................19V to –2.0V RUN Voltage................................................ VIN to –0.3V MODE, FB Voltages...................................... 6V to –0.3V (Note 1) TOP VIEW MODE INTVCC FB SW VIN RUN DCB PACKAGE 6-LEAD (2mm × 3mm) PLASTIC DFN 4 5 7 GND 6 3 2 1 TJMAX = 125°C, θJA = 64°C/W, θJC = 9.6°C/W EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB 1 2 3 4 SW VIN RUN PGOOD 8 7 6 5 SGND MODE INTVCC FB TOP VIEW 9 GND MS8E PACKAGE 8-LEAD PLASTIC MSOP TJMAX = 125°C, θJA = 40°C/W, θJC = 10°C/W EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB pin conFiguraTion elecTrical characTerisTics The l denotes the specifications which apply over the full operating junction temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, unless otherwise noted. (Notes 3, 6) orDer inForMaTion LEAD FREE FINISH TAPE AND REEL PART MARKING* PACKAGE DESCRIPTION TEMPERATURE RANGE LTC3621EDCB#PBF LTC3621EDCB#TRPBF LGDG 6-Lead (2mm × 3mm) Plastic DFN –40°C to 125°C LTC3621IDCB#PBF LTC3621IDCB#TRPBF LGDG 6-Lead (2mm × 3mm) Plastic DFN –40°C to 125°C LTC3621EMS8E#PBF LTC3621EMS8E#TRPBF LTGDH 8-Lead Plastic MSOP –40°C to 125°C LTC3621IMS8E#PBF LTC3621IMS8E#TRPBF LTGDH 8-Lead Plastic MSOP –40°C to 125°C LTC3621EDCB-2#PBF LTC3621EDCB-2#TRPBF LGHY 6-Lead (2mm × 3mm) Plastic DFN –40°C to 125°C LTC3621IDCB-2#PBF LTC3621IDCB-2#TRPBF LGHY 6-Lead (2mm × 3mm) Plastic DFN –40°C to 125°C LTC3621EMS8E-2#PBF LTC3621EMS8E-2#TRPBF LTGHZ 8-Lead Plastic MSOP –40°C to 125°C LTC3621IMS8E-2#PBF LTC3621IMS8E-2#TRPBF LTGHZ 8-Lead Plastic MSOP –40°C to 125°C Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/ INTVCC, PGOOD Voltages ............................ 6V to –0.3V Operating Junction Temperature Range (Note 3).................................................. –40°C to 125°C Storage Temperature Range .................. –65°C to 125°C SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VIN Operating Voltage 2.7 17 V VOUT Operating Voltage 0.6 VIN V IVIN Input Quiescent Current Shutdown Mode, VRUN = 0V Burst Mode Operation Forced Continuous Mode (Note 4), VFB < 0.6V 0 3.5 1.5 0.1 4.5 µA µA mA |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |