Electronic Components Datasheet Search
  English  ▼

X  

LTC3633 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3633
Description  17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3633 Datasheet HTML 4Page - Linear Technology LTC3633 Datasheet HTML 5Page - Linear Technology LTC3633 Datasheet HTML 6Page - Linear Technology LTC3633 Datasheet HTML 7Page - Linear Technology LTC3633 Datasheet HTML 8Page - Linear Technology LTC3633 Datasheet HTML 9Page - Linear Technology LTC3633 Datasheet HTML 10Page - Linear Technology LTC3633 Datasheet HTML 11Page - Linear Technology LTC3633 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3621/LTC3621-2
8
3621f
For more information www.linear.com/LTC3621
operaTion
VIN Overvoltage Protection
In order to protect the internal power MOSFET devices
against transient voltage spikes, the LTC3621 constantly
monitors the VIN pin for an overvoltage condition. When
VIN rises above 19V, the regulator suspends operation by
shutting off both power MOSFETs. Once VIN drops below
18.7V, the regulator immediately resumes normal opera-
tion. The regulator executes its soft-start function when
exiting an overvoltage condition.
Low Supply Operation
The LTC3621 incorporates an undervoltage lockout circuit
which shuts down the part when the input voltage drops
Output Voltage Programming
For non-fixed output voltage parts, the output voltage is
set by external resistive divider according to the following
equation:
VOUT =0.6V • 1+
R2
R1
The resistive divider allows the FB pin to sense a fraction
of the output voltage as shown in Figure 1.
IRMS ≅IOUT(MAX)
VOUT
VIN
VIN
VOUT
–1
This formula has a maximum at VIN = 2VOUT, where:
IRMS ≅
IOUT
2
This simple worst-case condition is commonly used for
design because even significant deviations do not offer
much relief. Note that ripple current ratings from capacitor
manufacturers are often based on only 2000 hours of life
which makes it advisable to further derate the capacitor,
or choose a capacitor rated at a higher temperature than
required.Severalcapacitorsmayalsobeparalleledtomeet
size or height requirements in the design. For low input
voltage applications, sufficient bulk input capacitance is
needed to minimize transient effects during output load
changes.
Output Capacitor (COUT) Selection
The selection of COUT is determined by the effective series
resistance(ESR)thatisrequiredtominimizevoltageripple
and load step transients as well as the amount of bulk
capacitance that is necessary to ensure that the control
below 2.7V. As the input voltage rises slightly above the
undervoltage threshold, the switcher will begin its basic
operation. However, the RDS(ON) of the top and bottom
switch will be slightly higher than that specified in the
electrical characteristics due to lack of gate drive. Refer
to graph of RDS(ON) versus VIN for more details.
Soft-Start
TheLTC3621hasaninternal800µssoft-startramp.During
start-up soft-start operation, the switcher will operate in
pulse-skipping mode.
applicaTions inForMaTion
VOUT
R2
R1
3621 F01
CFF
LTC3621
SGND
FB
Figure 1. Setting the Output Voltage
Input Capacitor (CIN) Selection
The input capacitance, CIN, is needed to filter the square
wave current at the drain of the top power MOSFET. To
prevent large voltage transients from occurring, a low
ESR input capacitor sized for the maximum RMS current
should be used. The maximum RMS current is given by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com