Electronic Components Datasheet Search
  English  ▼

X  

LTC3633 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3633
Description  Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3633 Datasheet HTML 3Page - Linear Technology LTC3633 Datasheet HTML 4Page - Linear Technology LTC3633 Datasheet HTML 5Page - Linear Technology LTC3633 Datasheet HTML 6Page - Linear Technology LTC3633 Datasheet HTML 7Page - Linear Technology LTC3633 Datasheet HTML 8Page - Linear Technology LTC3633 Datasheet HTML 9Page - Linear Technology LTC3633 Datasheet HTML 10Page - Linear Technology LTC3633 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC3633A/LTC3633A-1
7
3633a1f
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up into Prebiased Output
(Forced Continuous Mode)
Load Step (Internal Compensation)
Start-Up into Prebiased Output
(Burst Mode Operation)
Start-Up (Burst Mode Operation)
TJ = 25°C, VIN1 = VIN2 = 12V, fSW = 1MHz, L = 1μH
unless otherwise noted.
Start-Up (Forced Continuous Mode)
IL
2A/DIV
20μs/DIV
3633a G19
VOUT
AC-COUPLED
100mV/DIV
VOUT = 1.8V
ILOAD = 100mA to 3A
ITH = INTVCC
IL
2A/DIV
400μs/DIV
3633a G20
RUN
2V/DIV
VOUT
1V/DIV
VOUT = 1.8V
CSS = 4.7nF
ILOAD = 150mA
IL
1A/DIV
400μs/DIV
3633a G21
RUN
2V/DIV
VOUT
1V/DIV
VOUT = 1.8V
CSS = 4.7nF
ILOAD = 150mA
IL
1A/DIV
200μs/DIV
3633a G22
RUN
2V/DIV
VOUT 1.8V
1V/DIV
ILOAD = 0mA
IL
2A/DIV
1ms/DIV
3633a G22
RUN
2V/DIV
VOUT 1.8V
1V/DIV
ILOAD = 0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com