Electronic Components Datasheet Search
  English  ▼

X  

LTC3602 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3602
Description  Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3602 Datasheet HTML 11Page - Linear Technology LTC3602 Datasheet HTML 12Page - Linear Technology LTC3602 Datasheet HTML 13Page - Linear Technology LTC3602 Datasheet HTML 14Page - Linear Technology LTC3602 Datasheet HTML 15Page - Linear Technology LTC3602 Datasheet HTML 16Page - Linear Technology LTC3602 Datasheet HTML 17Page - Linear Technology LTC3602 Datasheet HTML 18Page - Linear Technology LTC3602 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC3633A/LTC3633A-1
15
3633a1f
Figure 2. Setting the Output Voltage
FB
R2
R1
CF
3633a F02
VOUT
SGND
LTC3633A
APPLICATIONS INFORMATION
Low Power 2.5V Linear Regulator
The V2P5 pin can be used as a low power 2.5V regulated
rail. This pin is the output of a 10mA linear regulator
powered from the INTVCC pin. Note that the power from
V2P5 eventually comes from VIN1 since the INTVCC power
is supplied from VIN1. When using this output, this pin
must be bypassed with a 1μF ceramic capacitor. If this
output is not being used, it is recommended to short this
output to INTVCC to disable the regulator.
Output Voltage Programming
Each regulator’s output voltage is set by an external resis-
tive divider according to the following equation:
VOUT = 0.6V 1+
R2
R1
⎛
⎝
⎜
⎞
⎠
⎟
The desired output voltage is set by appropriate selection
of resistors R1 and R2 as shown in Figure 2. Choosing
large values for R1 and R2 will result in improved zero-
load efficiency but may lead to undesirable noise coupling
or phase margin reduction due to stray capacitances
at the VFB node. Care should be taken to route the VFB
trace away from any noise source, such as the SW trace.
To improve the frequency response of the main control
loop, a feedforward capacitor, CF , may be used as shown
in Figure 2.
Connecting the VON pin to the output voltage makes the
on-time proportional the output voltage and allows the
internal on-time servo loop to lock the converter’s switching
frequency to the programmed value. If the output voltage
is outside the VON sense range (0.6V – 6V for LTC3633A,
1.5V – 12V for LTC3633A-1), the output voltage will stay
in regulation, but the switching frequency may deviate
from the programmed frequency.
Minimum Off-Time/On-Time Considerations
The minimum off-time is the smallest amount of time that
the LTC3633A can turn on the bottom power MOSFET,
trip the current comparator and turn the power MOSFET
back off. This time is typically 45ns. For the controlled
on-time architecture, the minimum off-time limit imposes
a maximum duty cycle of:
DC(MAX) = 1– f • tOFF(MIN) + 2• tDEAD
()
where f is the switching frequency, tDEAD is the nonoverlap
time, or “dead time” (typically 10ns), and tOFF(MIN) is the
minimum off-time. If the maximum duty cycle is surpassed,
due to a dropping input voltage for example, the output
will drop out of regulation. The minimum input voltage to
avoid this dropout condition is:
VIN(MIN) =
VOUT
1− f• tOFF(MIN) + 2• tDEAD
()
Conversely, the minimum on-time is the smallest dura-
tion of time in which the top power MOSFET can be in
its “on” state. This time is typically 20ns. In continuous
mode operation, the minimum on-time limit imposes a
minimum duty cycle of:
DC(MIN) = f• tON(MIN)
()
where tON(MIN) is the minimum on-time. As the equation
shows, reducing the operating frequency will alleviate the
minimum duty cycle constraint.
In the rare cases where the minimum duty cycle is
surpassed, the output voltage will still remain in regula-
tion, but the switching frequency will decrease from its
programmed value. This constraint may not be of critical
importance in most cases, so high switching frequencies
may be used in the design without any fear of severe
consequences. As the sections on Inductor and Capacitor
selection show, high switching frequencies allow the use
of smaller board components, thus reducing the footprint
of the application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com