Electronic Components Datasheet Search
  English  ▼

X  

LTC3605A Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3605A
Description  Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3605A Datasheet(HTML) 1 Page - Linear Technology

  LTC3605A Datasheet HTML 1Page - Linear Technology LTC3605A Datasheet HTML 2Page - Linear Technology LTC3605A Datasheet HTML 3Page - Linear Technology LTC3605A Datasheet HTML 4Page - Linear Technology LTC3605A Datasheet HTML 5Page - Linear Technology LTC3605A Datasheet HTML 6Page - Linear Technology LTC3605A Datasheet HTML 7Page - Linear Technology LTC3605A Datasheet HTML 8Page - Linear Technology LTC3605A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC3633A/LTC3633A-1
1
3633a1f
n 3.6V to 20V Input Voltage Range
n 3A Output Current per Channel
n Up to 95% Efficiency
n Low Duty Cycle Operation: 5% at 2.25MHz
n Selectable 0°/180° Phase Shift Between Channels
n Adjustable Switching Frequency: 500kHz to 4MHz
n External Frequency Synchronization
n Current Mode Operation for Excellent Line and
Load Transient Response
n 0.6V Reference Allows Low Output Voltages
n User Selectable Burst Mode® Operation or Forced
Continuous Mode Operation
n Output Voltage Tracking and Soft-Start Capability
n Short-Circuit Protected
n Overvoltage Input and Overtemperature Protection
n Power Good Status Outputs
n LTC3633: 16V Absolute Maximum VIN
n LTC3633A: 20V Absolute Maximum VIN, Pin Compatible
with LTC3633
n Low Profile (4mm × 5mm) QFN-28 and 28-Lead
TSSOP Packages
TYPICAL APPLICATION
DESCRIPTION
Dual Channel 3A, 20V
Monolithic Synchronous
Step-Down Regulator
The LTC®3633A is a high efficiency, dual-channel monolithic
synchronous buck regulator using a controlled on-time,
current mode architecture, with phase lockable switching
frequency. The two channels can run 180° out of phase to
relax the requirements for input and output capacitance. The
operating supply voltage range is from 3.6V to 20V, making
it suitable for lithium-ion battery stacks as well as point of
load power supply applications from a 12V or 5V supply.
The operating frequency is programmable from 500kHz to
4MHz with an external resistor and may be synchronized
to an external clock signal. The high frequency capabil-
ity allows the use of small surface mount inductors and
capacitors. The unique constant frequency/controlled on-
time architecture is ideal for high step-down ratio applica-
tions that operate at high frequency while demanding fast
transient response. An internal phase locked loop servos
the on-time of the internal one-shot timer to match the
frequency of the internal clock or an applied external clock.
The LTC3633A can select between forced continuous mode
and high efficiency Burst Mode operation. The LTC3633A
and LTC3633A-1 differ in their output voltage sense range
(refer to Table 1 in the Operation section for a description
of the entire LTC3633A product family).
FEATURES
APPLICATIONS
n Distributed Power Systems
n Battery Powered Instruments
n Point of Load Power Supplies
Efficiency vs Load Current
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners. Protected by U.S. Patents including 5481178, 5847554, 6580258, 6304066, 6476589,
6774611.
0.001
0
10
30
40
50
70
0.1
10
3633a TA01b
20
80
100
90
60
0.01
1
VOUT = 5V
VOUT = 3.3V
LOAD CURRENT (A)
Burst Mode
OPERATION
VIN = 12V
RUN1
RUN2
TRACKSS2
PGOOD2
LTC3633A
BOOST2
0.1μF
1.5μH
73.2k
10k
SW2
VON2
VIN2
PGND
SGND
VIN1
VFB2
PHMODE
TRACKSS1
PGOOD1
BOOST1
SW1
VON1
VFB1
22μF
VOUT2
5V AT 3A
0.1μF
1μH
45.3k
10k
22μF
VOUT1
3.3V AT 3A
VIN
6V TO 20V
47μF
x2
MODE/SYNC
V2P5
RT
ITH1
ITH2
INTVCC
2.2μF
3633a TA01a


Similar Part No. - LTC3605A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3605A LINER-LTC3605A Datasheet
240Kb / 16P
17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3605A LINER-LTC3605A Datasheet
637Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
logo
Analog Devices
LTC3605A AD-LTC3605A Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3605A AD-LTC3605A Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
04/18-REV.A
More results

Similar Description - LTC3605A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3633 LINER-LTC3633 Datasheet
389Kb / 28P
Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633A-2 LINER-LTC3633A-2 Datasheet
637Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633A LINER-LTC3633A_15 Datasheet
412Kb / 30P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-1 LINER-LTC3633A-1_15 Datasheet
412Kb / 30P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-2 LINER-LTC3633A-2_15 Datasheet
419Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-3 LINER-LTC3633A-3_15 Datasheet
419Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633AEFE-3 LINER-LTC3633AEFE-3 Datasheet
542Kb / 8P
DUAL CHANNEL 3A 20V MONOLITHIC SYNCHRONOUS STEP-DOWN REGULATOR
LTC3633AEUFD-2 LINER-LTC3633AEUFD-2 Datasheet
606Kb / 8P
Dual Channel 3A 20V Monolithic Synchronous Step-Down Regulator Board
LTC3636 LINER-LTC3636 Datasheet
927Kb / 28P
Dual Channel 6A, 20V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com