Electronic Components Datasheet Search
  English  ▼

X  

LTC3633 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC3633
Description  Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC3633 Datasheet HTML 20Page - Linear Technology LTC3633 Datasheet HTML 21Page - Linear Technology LTC3633 Datasheet HTML 22Page - Linear Technology LTC3633 Datasheet HTML 23Page - Linear Technology LTC3633 Datasheet HTML 24Page - Linear Technology LTC3633 Datasheet HTML 25Page - Linear Technology LTC3633 Datasheet HTML 26Page - Linear Technology LTC3633 Datasheet HTML 27Page - Linear Technology LTC3633 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC3633A-2/LTC3633A-3
28
3633a23f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2012
LT 0912 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
2.5V Regulator with Battery Backup
PVIN1
PVIN2
SVIN
INTVCC
LTC3633A-2
ITH2
ITH1
PGOOD1
PGOOD2
3633a23 TA06
RT
VON1
VON2
VFB2
VFB1
84.5k
2.2μH
MAIN SUPPLY
5V TO 20V
2 CELL Li-Ion
BATTERY
5V TO 20V
C2
2.2μF
RUN2
RUN1
PHMODE
MODE/SYNC
BOOST1
SW1
0.1μF
BOOST2
SW2
0.1μF
PGND
SGND
2.2μH
COUT
47μF
×2
100k
274k
309k
100k
20k
20k
Q1
Q2
Q3
Q4
20k
20k
22μF
1μF
22μF
26.1k
604Ω
VOUT
2.5V
AT 6A
13k
200pF
13k
200pF
324k
Q1, Q2: VISHAY SILICONIX P-CHANNEL MOSFET SI4953ADY
Q3, Q4: ROHM SEMICONDUCTOR NPN TRANSISTOR IMX1T110
PART
NUMBER
DESCRIPTION
COMMENTS
LTC3633
15V, Dual 3A (IOUT), 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 3.6V to 15V, VOUT(MIN) = 0.6V, IQ = 500μA, ISD < 13μA,
4mm × 5mm QFN-28, TSSOP-28E
LTC3605
15V, 5A (IOUT), 4MHz, Synchronous Step-Down DC/
DC Converter
95% Efficiency, VIN: 4V to 15V, VOUT(MIN) = 0.6V, IQ = 2mA, ISD < 15μA,
4mm × 4mm QFN-24
LTC3603
15V, 2.5A (IOUT), 3MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 75μA, ISD < 1μA,
4mm × 4mm QFN-20, MSOP-16E
LTC3602
10V, 2.5A (IOUT), 3MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 10V, VOUT(MIN) = 0.6V, IQ = 75μA, ISD < 1μA,
3mm × 3mm QFN-16, MSOP-16E
LTC3601
15V, 1.5A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 300μA, ISD < 1μA,
4mm × 4mm QFN-20, MSOP-16E
LTC3605A
20V, 5A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4V to 20V, VOUT(MIN) = 0.6V, IQ = 2mA, ISD < 15μA,
4mm × 4mm QFN-24
LTC3604
15V, 2.5A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 3.6V to 15V, VOUT(MIN) = 0.6V, IQ = 300μA, ISD < 15μA,
3mm × 3mm QFN-16, MSOP-16E
LT3626
20V, 2.5A Synchronous Monolithic Step-Down
Regulator with Current and Temperature Monitoring
95% Efficiency, VIN: 3.6V to 20V, VOUT(MIN) = 0.6V, IQ = 300μA, ISD < 15μA,
3mm × 4mm QFN-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com