Electronic Components Datasheet Search
  English  ▼

X  

PE8311 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8311
Description  N FEMALE ISOLATOR 2-4 GHz 10w
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8311 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8311 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE8311

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8310 PASTERNACK-PE8310 Datasheet
274Kb / 1P
N FEMALE ISOLATOR 1-2 GHz, 10W
PE8312 PASTERNACK-PE8312 Datasheet
250Kb / 1P
N FEMALE ISOLATOR 4.8 GHz 10W
PE8313 PASTERNACK-PE8313 Datasheet
158Kb / 2P
50 Ohm N Isolator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation
PE8314 PASTERNACK-PE8314 Datasheet
158Kb / 2P
50 Ohm SMA Isolator Operating From 3.5 GHz to 12.8 GHz And 2 Watts With 17 dB Isolation
PE8315 PASTERNACK-PE8315 Datasheet
157Kb / 2P
50 Ohm SMA Isolator Operating From 4 GHz to 18 GHz And 10 Watts With 15 dB Isolation
More results

Similar Description - PE8311

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA040-060-40-40 TRANSCOM-TA040-060-40-40 Datasheet
17Kb / 1P
4 - 6 GHz 10W Amplifier
logo
Pasternack Enterprises,...
PE2034 PASTERNACK-PE2034 Datasheet
104Kb / 1P
N FEMALE POWER DIVIDER, FREQUENCY RANGE:2-4 GHz OUTPUT PORTS
PE2035 PASTERNACK-PE2035 Datasheet
104Kb / 1P
N FEMALE POWER DIVIDER, FREQUENCY RANGE:4-8 GHz 2 OUTPUT PORTS
PE2040 PASTERNACK-PE2040 Datasheet
81Kb / 1P
N FEMALE POWER DIVIDER FREQUENCY RANGE:2-4 GHz 4 OUTPUT PORTS
PE8310 PASTERNACK-PE8310 Datasheet
274Kb / 1P
N FEMALE ISOLATOR 1-2 GHz, 10W
PE8312 PASTERNACK-PE8312 Datasheet
250Kb / 1P
N FEMALE ISOLATOR 4.8 GHz 10W
PE8410 PASTERNACK-PE8410 Datasheet
258Kb / 1P
N FEMALE CIRCULATOR, 1-2 GHz, 10w
PE8411 PASTERNACK-PE8411 Datasheet
100Kb / 1P
N FEMALE CIRCULATOR 2-4 GHz 10w
PE8412 PASTERNACK-PE8412 Datasheet
270Kb / 1P
N FEMALE CIRCULATOR 4-8 GHz 10w
logo
Qorvo, Inc
QPD1010 QORVO-QPD1010 Datasheet
2Mb / 25P
10W, 50V, DC ??4 GHz, GaN RF Transistor
October 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com